Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

131306 Datasheet(PDF) 1 Page - Mascot AS

Part # 131306
Description  Mounting brackets
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MASCOT [Mascot AS]
Direct Link  https://www.mascot.no/
Logo MASCOT - Mascot AS

131306 Datasheet(HTML) 1 Page - Mascot AS

  131306 Datasheet HTML 1Page - Mascot AS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
23012008
20062008
Mounting brackets
Festebraketter
TYPE FBS 205825
Dim./Mål: 135x20x10mm
2 mounting brackets per unit.
Designed for type:
2 festebraketter pr. enhet.
Beregnet for type:
719, 8421, 9522, 9150, 9521,
9221, 9527, 2026, 9623,
2024, 9726, 2023, 2047
TYPE 201565
Dim./Mål: 60x69x38mm
1 mounting bracket per unit.
Designed for type:
(Not Exch. AC models)
1 festebrakett per enhet.
Beregnet for type:
(Ikke mod. m/utskiftbare
AC plugger)
9920, 9921, 9922, 9940,
2246, 2215, 2515, 2541,
2544
Miscellaneous
Diverse
TYPE 9000-16 KLIPS
ENGAGEMENT FOOT
FM4 engagement foot for
TS-35 (35 mm DIN rail). Used
in combination with mounting
brackets. Supplied in two-pack.
FM4 klips for TS-35 (35 mm DIN
skinne). Brukes i kombinasjon
med festebraketter. Pakket i
poser à 2 stk.
TYPE 202906
Dim./Mål: 46x47x36mm
1 mounting bracket per unit.
Designed for type:
(Not Exch. AC models)
1 festebrakett per enhet.
Beregnet for type:
(Ikke mod. m/utskiftbare
AC plugger)
2240, 2121, 2122, 2124,
2125, 2115
TYPE FAS 207724
Dim./Mål: 80x20x8mm
2 mounting brackets per unit.
Designed for type:
2 festebraketter pr. enhet.
Beregnet for type:
9120, 9320, 9322
TYPE LME 207818
Dim./Mål: 93x75mm
1 mounting bracket per unit.
Designed for type:
1 festebrakett pr. enhet.
Beregnet for type:
6820, 8930, 8931, 6823,
8937, 7504
TYPE FCS 207773
Dim./Mål: 110x30x12mm
2 mounting brackets per unit.
Designed for type:
2 festebraketter pr. enhet.
Beregnet for type:
8921, 9260, 2043, 2044,
9660, 2025
TYPE 201970
Dim./Mål: 72x82x45mm
1 mounting bracket per unit.
Designed for type:
1 festebrakett per enhet.
Beregnet for type:
2020, 2022, 2040, 2415,
2440, 2641
TYPE 013095
3-pins IEC 320 cord set, 1,8 meter
3-pins IEC 320 kabel, 1,8 meter
TYPE 131306
2-pins IEC 320 cord set, 1,8 meter
2-pins IEC 320 kabel, 1,8 meter
TYPE 9998
Remote control with 5 m cable for
inverter models 9987, 9988 and 2287
Fjernkontroll med 5 m kabel for
inverter modellene 9987, 9988 og 2287


Similar Part No. - 131306

ManufacturerPart #DatasheetDescription
logo
Walther-Werke
131306 WALTHER-131306 Datasheet
958Kb / 2P
Sockets IP 44
More results

Similar Description - 131306

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
CS-11230 BUD-CS-11230 Datasheet
57Kb / 1P
SLIMCAB SERIES MOUNTING BRACKETS
logo
Omron Electronics LLC
E39-RS5 OMRON-E39-RS5 Datasheet
1Mb / 19P
Mounting Brackets
E39S61 OMRON-E39S61 Datasheet
1Mb / 17P
Mounting Brackets
logo
PANDUIT CORP.
S4F-C PANDUIT-S4F-C Datasheet
64Kb / 1P
Panduct Snap-Clip Mounting Brackets
logo
SICK AG
BEF-3WNGBAST4 SICK-BEF-3WNGBAST4 Datasheet
311Kb / 4P
Mounting brackets and plates
BEF-FL-304LFP-HLDR SICK-BEF-FL-304LFP-HLDR Datasheet
329Kb / 3P
Mounting brackets
BEF-FL-ALUPBS-HLDR SICK-BEF-FL-ALUPBS-HLDR Datasheet
316Kb / 3P
Mounting brackets
BEF-WK-EPA SICK-BEF-WK-EPA Datasheet
373Kb / 4P
Mounting brackets and plates
BEF-WN-DX50 SICK-BEF-WN-DX50 Datasheet
313Kb / 4P
Mounting brackets and plates
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com