Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP05 Datasheet(PDF) 4 Page - TM Electronics Inc

Part # TP05
Description  Type T Food Kit with Thermometer, Standard Probes, Temperature Record Book and Case
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TM [TM Electronics Inc]
Direct Link  
Logo TM - TM Electronics Inc

TP05 Datasheet(HTML) 4 Page - TM Electronics Inc

  TP05 Datasheet HTML 1Page - TM Electronics Inc TP05 Datasheet HTML 2Page - TM Electronics Inc TP05 Datasheet HTML 3Page - TM Electronics Inc TP05 Datasheet HTML 4Page - TM Electronics Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Cross-reference for compatible probes
Suitable probes for use with this instrument
TME PART No
DESCRIPTION
APPLICATION
T/C TYPE
KP05
NEEDLE PROBE
CORE TEMPERATURE OF SEMI-SOLID MATERIAL
K
TP05
NEEDLE PROBE
CORE TEMPERATURE OF SEMI-SOLID MATERIAL
T
KP07
NEEDLE PROBE HEAVY DUTY
CORE TEMPERATURE OF SEMI-SOLID MATERIAL
K
TP07
NEEDLE PROBE HEAVY DUTY
CORE TEMPERATURE OF SEMI-SOLID MATERIAL
T
TP10
SOUS VIDE NEEDLE PROBE
CORE TEMPERATURE OF SEMI-SOLID MATERIAL
T
KM01
LIGHT DUTY M.I. PROBE
GENERAL PURPOSE LIQUID/GAS MEASUREMENT
K
TM01
LIGHT DUTY M.I. PROBE
GENERAL PURPOSE LIQUID/GAS MEASUREMENT
T
KM03
M.I. PROBE
GENERAL PURPOSE LIQUID/GAS MEASUREMENT
K
TM03
M.I. PROBE
GENERAL PURPOSE LIQUID/GAS MEASUREMENT
T
KM04
M.I. PROBE EXTENDED LENGTH
GENERAL PURPOSE LIQUID/GAS MEASUREMENT
K
TM04
M.I. PROBE EXTENDED LENGTH
GENERAL PURPOSE LIQUID/GAS MEASUREMENT
T
KS01
SURFACE BAND PROBE
FAST RESPONSE SURFACE MEASUREMENT
K
TS01-S
DUAL PROBE
FOR SURFACE AND IMMERSION MEASUREMENT
KS07
SURFACE PROBE
GENERAL PURPOSE SURFACE MEASUREMENT
K
TS04
SURFACE PROBE
GENERAL PURPOSE SURFACE MEASUREMENT
T
KS08
HIGH TEMP SURFACE PROBE
HIGH TEMPERATURE SURFACE MEASUREMENT
K
KA04
AIR TEMPERATURE PROBE
FAST RESPONSE AIR TEMPERATURE PROBE
K
TA04
AIR TEMPERATURE PROBE
FAST RESPONSE AIR TEMPERATURE PROBE
T
TA12
SPATULA PROBE
BETWEEN PACK PROBE
T
KH01
SOCKET IN HANDLE
HANDLE FOR USE WITH PLUG MOUNTED PROBES
K
TH01
SOCKET IN HANDLE
HANDLE FOR USE WITH PLUG MOUNTED PROBES
T
KHA02
PLUG MOUNTED AIR PROBE
FAST RESPONSE AIR TEMPERATURE PROBE
K
THA2
PLUG MOUNTED AIR PROBE
FAST RESPONSE AIR TEMPERATURE PROBE
T
KHM01
PLUG MOUNTED M.I. PROBE
GENERAL PURPOSE LIQUID/GAS MEASUREMENT
K
THM01
PLUG MOUNTED M.I. PROBE
GENERAL PURPOSE LIQUID/GAS MEASUREMENT
T
KHN01
PLUG MOUNTED NEEDLE PROBE
CORE TEMPERATURE OF SEMI-SOLID MATERIAL
K
THN01
PLUG MOUNTED NEEDLE PROBE
CORE TEMPERATURE OF SEMI-SOLID MATERIAL
T
THA12
PLUG MOUNTED SPATULA PROBE
BETWEEN PACK PROBE
T
KHS01
PLUG MOUNTED SURFACE BAND
PROBE
FAST RESPONSE SURFACE MEASUREMENT
K
KHS02
PLUG MOUNTED SURFACE PROBE
GENERAL PURPOSE SURFACE MEASUREMENT
K
THS02
PLUG MOUNTED SURFACE PROBE
GENERAL PURPOSE SURFACE MEASUREMENT
T
PKHV1
HVAC KIT
PROBE KIT DESIGNED FOR THE HVAC INDUTRY
K
PKF1
FOOD KIT
PROBE KIT DESIGNED FOR THE FOOD INDUTRY
T
PKGP1
GENERAL PURPOSE KIT
PROBE KIT CONTAINING MOST POPULAR PROBES
K
TP01
CORKSCREW PROBE
PROBE DESIGNED FOR CORE TEMPERATURE OF MEAT
T
KPS10
PIPE CLAMP PROBE
PROBE DESIGNED TO BE CLAMPED ONTO PIPES
K
TFS01
FOOD SIMULANT PROBE
SIMULATES THE CORE TEMPERATURE OF FOOD IN HOT
OR COLD STORAGE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com