Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD3138A64 Datasheet(PDF) 40 Page - Texas Instruments

Part # UCD3138A64
Description  UCD3138128, UCD3138A64 Highly-Integrated Digital Controller For Isolated Power
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138A64 Datasheet(HTML) 40 Page - Texas Instruments

Back Button UCD3138A64 Datasheet HTML 36Page - Texas Instruments UCD3138A64 Datasheet HTML 37Page - Texas Instruments UCD3138A64 Datasheet HTML 38Page - Texas Instruments UCD3138A64 Datasheet HTML 39Page - Texas Instruments UCD3138A64 Datasheet HTML 40Page - Texas Instruments UCD3138A64 Datasheet HTML 41Page - Texas Instruments UCD3138A64 Datasheet HTML 42Page - Texas Instruments UCD3138A64 Datasheet HTML 43Page - Texas Instruments UCD3138A64 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 84 page
background image
tCSS
tWH
tWL
tCSH
tSU
tH
VALID IN
VALID OUT
SCS
SCK
MISO
MOSI
tV
tHO
PSCK
Period SCK
2 ICLK
tWH
SCK High Time
1/2 PSCK
tWL
SCK Low Time
1/2 PSCK
tSU
Data in setup
2 ns (typical)
tH
Data in hold
4 ns (typical)
tV
Ouput Valid
4 ns (typical)
tHO
Ouput Data Hold
2 ns (typical)
tCSS
Chip Select Setup
1 PSCK
tCSH
Chip Select Hold
1 PSCK
40
UCD3138128, UCD3138A64
SLUSBZ8B – JUNE 2014 – REVISED FEBRUARY 2017
www.ti.com
Product Folder Links: UCD3138128 UCD3138A64
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
Figure 25. SPI Timing Diagram
9.3.7 Real Time Clock
The UCD3138x has an internal real time clock (RTC) function that can track time in seconds, minutes, hours and
days. This function requires an external precision 10 MHz clock.
•
Firmware writable time/day register which tracks the total number of days.
–
The day counter will be able to count 4 years worth of days.
–
Years and months and leap year calculation must be calculated in firmware.
•
Firmware programmable frequency correction of ±200 ppm in 0.8 ppm steps
•
The RTC function can provide interrupts to the IRQ or FIQ at 1, 10, 30, and 60 second intervals.
•
The clock from the RTC driver can be driven to an external pin through an internal multiplexor
•
The clock for the RTC function can come from an external clock through a dedicated GPIO pin.
9.3.8 Timers
External to the Digital Power Peripherals there are 3 different types of timers in UCD3138x. They are the 24-bit
timer, 16-bit timer and the watchdog timer
9.3.8.1 24-Bit Timer
There is one 24 bit timer which runs off the Interface Clock. It can be used to measure the time between two
events, and to generate interrupts after a specific interval. Its clock can be divided down by an 8-bit pre-scalar to
provide longer intervals. The timer has two compare registers (Data Registers). Both can be used to generate an
interrupt after a time interval. . Additionally, the timer has a shadow register (Data Buffer register) which can be
used to store CPU updates of the compare events while still using the timer. The selected shadow register
update mode happens after the compare event matches.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com