Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XIO2001 Datasheet(PDF) 11 Page - Texas Instruments

Part # XIO2001
Description  XIO2001 PCI Express to PCI Bus Translation Bridge
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XIO2001 Datasheet(HTML) 11 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 7Page - Texas Instruments XIO2001 Datasheet HTML 8Page - Texas Instruments XIO2001 Datasheet HTML 9Page - Texas Instruments XIO2001 Datasheet HTML 10Page - Texas Instruments XIO2001 Datasheet HTML 11Page - Texas Instruments XIO2001 Datasheet HTML 12Page - Texas Instruments XIO2001 Datasheet HTML 13Page - Texas Instruments XIO2001 Datasheet HTML 14Page - Texas Instruments XIO2001 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 145 page
background image
Pin Functions (continued)
SIGNAL
ZWS
BALL
NO.
ZAJ
BALL NO.
PNP
PIN NO.
I/O
TYPE
CELL
TYPE
CLAMP
RAIL
EXTERNAL
PARTS
DESCRIPTION
PCI SYSTEM
AD31
AD30
AD29
AD28
AD27
AD26
AD25
AD24
AD23
AD22
AD21
AD20
AD19
AD18
AD17
AD16
AD15
AD14
AD13
AD12
AD11
AD10
AD9
AD8
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
N05
N04
L05
M05
N03
M04
N02
M03
L04
M02
L03
M01
L02
L01
K02
K01
E01
E02
E03
D01
D02
C01
C02
D03
C03
B02
C04
A02
B03
B04
A03
C05
N05
L05
M05
N04
N03
L04
M04
N02
L03
M02
N01
L02
K02
M01
K03
L01
F02
E03
E01
E02
D01
C01
D02
B01
A01
B03
C03
A02
A03
C04
C05
B04
44
43
42
41
40
39
38
37
35
34
32
31
30
29
28
26
12
11
10
9
8
6
5
4
1
128
127
125
124
123
122
121
I/O
PCI Bus
PCIR
–
PCI address data lines
C/BE[3]
C/BE[2]
C/BE[1]
C/BE[0]
N01
J03
F02
B01
M03
K01
F03
C02
36
25
14
3
I/O
PCI Bus
PCIR
–
PCI command byte enables
CLK
F03
F01
13
I
PCI Bus
PCIR
–
PCI clock input. This is the clock input to the PCI
bus core.
CLKOUT0
CLKOUT1
CLKOUT2
CLKOUT3
CLKOUT4
CLKOUT5
CLKOUT6
B05
B06
A07
B07
A09
A10
B11
B05
B06
B07
A07
A08
A10
C10
120
117
114
112
107
104
99
O
PCI Bus
PCIR
–
PCI clock outputs. These clock outputs are used
to clock the PCI bus. If the bridge PCI bus clock
outputs are used, then CLKOUT6 must be
connected to the CLK input.
DEVSEL
H02
H02
20
I/O
PCI Bus
PCIR
Pullup
resistor per
PCI spec
PCI device select
FRAME
J02
J01
24
I/O
PCI Bus
PCIR
Pullup
resistor per
PCI spec
PCI frame
GNT5
GNT4
GNT3
GNT2
GNT1
GNT0
B10
A11
B09
B08
C06
A05
B11
B10
B09
B08
A06
A05
101
103
106
109
115
118
O
PCI Bus
PCIR
–
PCI grant outputs. These signals are used for
arbitration when the PCI bus is the secondary bus
and an external arbiter is not used. GNT0 is used
as the REQ for the bridge when an external
arbiter is used.
INTA
INTB
INTC
INTD
M06
N06
M07
L07
N06
L06
M07
N07
47
48
49
50
I
PCI Bus
PCIR
Pullup
resistor per
PCI spec
PCI interrupts A–D. These signals are interrupt
inputs to the bridge on the secondary PCI bus.
IRDY
J01
H03
23
I/O
PCI Bus
PCIR
Pullup
resistor per
PCI spec
PCI initiator ready
LOCK
M08
N08
54
I/O
PCI Bus
PCIR
Pullup
resistor per
PCI spec
This terminal functions as PCI LOCK
Note: In lock mode, an external pullup resistor is
required to prevent the LOCK signal from floating.
www.ti.com
XIO2001
SCPS212J – MAY 2009 – REVISED JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com