Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1030USBM Datasheet(PDF) 4 Page - StarTech.com Ltd.

Part # ST1030USBM
Description  10-Port Industrial USB 3.0 Hub with ESD & 350W Surge Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

ST1030USBM Datasheet(HTML) 4 Page - StarTech.com Ltd.

  ST1030USBM Datasheet HTML 1Page - StarTech.com Ltd. ST1030USBM Datasheet HTML 2Page - StarTech.com Ltd. ST1030USBM Datasheet HTML 3Page - StarTech.com Ltd. ST1030USBM Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Storage Temperature
-20C to 85C (-4F to 185F)
Humidity
5%~95% RH (Non-condensing)
Physical
Characteristics
Color
Black
Form Factor
Industrial
Material
Steel
Cable Length
6.7 ft [2.0 m]
Product Length
7.8 in [19.8 cm]
Product Width
2.2 in [56 mm]
Product Height
1.2 in [31 mm]
Weight of Product
12.6 oz [357 g]
Packaging
Information
Package Length
9.7 in [24.6 cm]
Package Width
6.7 in [16.9 cm]
Package Height
2.2 in [57 mm]
Shipping (Package)
Weight
20.7 oz [587 g]
What's in the
Box
Included in Package
10-port industrial USB 3.0 hub
USB 3.0 host cable
DIN rail mounting kit
terminal block (2 wire)
instruction manual
*Product appearance and specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com