Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS85408BGT Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS85408BGT
Description  LOW SKEW, 1-TO-8 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS85408BGT Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS85408BGT Datasheet HTML 3Page - Integrated Circuit Systems ICS85408BGT Datasheet HTML 4Page - Integrated Circuit Systems ICS85408BGT Datasheet HTML 5Page - Integrated Circuit Systems ICS85408BGT Datasheet HTML 6Page - Integrated Circuit Systems ICS85408BGT Datasheet HTML 7Page - Integrated Circuit Systems ICS85408BGT Datasheet HTML 8Page - Integrated Circuit Systems ICS85408BGT Datasheet HTML 9Page - Integrated Circuit Systems ICS85408BGT Datasheet HTML 10Page - Integrated Circuit Systems ICS85408BGT Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
85408BG
www.icst.com/products/hiperclocks.html
REV. A APRIL 25, 2005
7
Integrated
Circuit
Systems, Inc.
ICS85408
LOW SKEW, 1-TO-8
DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
APPLICATION INFORMATION
Figure 1 shows how the differential input can be wired to accept
single ended levels. The reference voltage V_REF = V
DD/2 is
generated by the bias resistors R1, R2 and C1. This bias circuit
should be located as close as possible to the input pin. The ratio
FIGURE 1. SINGLE ENDED SIGNAL DRIVING DIFFERENTIAL INPUT
WIRING THE DIFFERENTIAL INPUT TO ACCEPT SINGLE ENDED LEVELS
of R1 and R2 might need to be adjusted to position the V_REF in
the center of the input voltage swing. For example, if the input
clock swing is only 2.5V and V
DD = 3.3V, V_REF should be 1.25V
and R2/R1 = 0.609.
V_REF
R1
1K
C1
0.1u
R2
1K
Single Ended Clock Input
CLK
nCLK
VDD
LVDS DRIVER TERMINATION
A general LVDS interface is shown in
Figure 2. In a 100
Ω differ-
ential transmission line environment, LVDS drivers require a
matched load termination of 100
Ω across near the receiver in-
put. For a multiple LVDS outputs buffer, if only partial outputs
are used, it is recommended to terminate the un-used outputs.
FIGURE 2. TYPICAL LVDS DRIVER TERMINATION
3.3V
3.3V
LVDS_DRIVER
R1
100
HiPerClockS
Zo = 50 Ohm
Zo = 50 Ohm
nCLK
CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com