| Electronic Components Datasheet Search |
|
STM32WBA62CIV6 Datasheet(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WBA62CIV6 Datasheet(HTML) 34 Page - STMicroelectronics |
|
34 / 185 page ![]() Stop 2(14) LPR No OFF ON(5) LSE LSI BOR, PVD, RTC, TAMP, IWDG, SLEEP_TIMER, LPUART1, SPI3, I2C3, LPTIM1, GPIO All other peripherals are powered off. Reset pin, all I/Os, BOR, PVD, RTC, TAMP, IWDG, SLEEP_TIMER, LPUART1, SPI3, I2C3, LPTIM1 Standby retention LPR OFF ON(5) LSE LSI BOR, RTC, TAMP, IWDG, SLEEP_TIMER All other peripherals are powered off. I/O configuration can be retained, floating, pull- up or pull-down. Reset pin, WKUPx (x = 1...8), BOR, RTC, TAMP, IWDG, SLEEP_TIMER Standby OFF All from mode Standby retention, except SLEEP_TIMER 1. LPR means that the main regulator is OFF and the low-power regulator is ON. 2. All peripherals can be active or clock gated to save power consumption. 3. The flash memory can be put in power-down and its clock can be gated off when executing from SRAM. 4. The SRAM1 and SRAM2 clocks can be gated on or off independently. 5. The SRAM can be individually powered off to save power consumption. 6. HSI16 can be temporary enabled upon peripheral request, for autonomous functions with DMA or wake-up from Stop event detections. 7. The ADC conversion is functional and autonomous with DMA in Stop 0 mode, and can generate a wake-up interrupt on conversion events. 8. UART and LPUART transmission and reception is functional and autonomous with DMA in Stop 0 mode, and can generate a wake-up interrupt on transfer events. 9. SPI transmission and reception is functional and autonomous with DMA in Stop 0 mode, and can generate a wake-up interrupt on transfer events. 10. I2C transmission and reception is functional and autonomous with DMA in Stop 0 mode, and can generate a wake-up interrupt on transfer events. 11. LPTIM is functional and autonomous with DMA in Stop 0 mode, and can generate a wake-up interrupt on all events. 12. GPDMA is functional and autonomous in Stop 0 mode, and can generate a wake-up interrupt on events. 13. Active peripherals ADC, COMP, USART, LPUART, SPI, I2C and LPTIM, can generate bus clock request and/or a wake-up interrupt on event. 14. Active peripherals LPUART1, SPI3, I2C3 and LPTIM1, can generate bus clock request and/or a wake-up interrupt on event. Table 9. Operating modes overview (continued) Mode Regulator(1) CPU Flash memory SRAM Clocks DMA and peripherals(2) Wake-up source |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |