Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WBA62CGV6 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STM32WBA62CGV6
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA62CGV6 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STM32WBA62CGV6 Datasheet HTML 29Page - STMicroelectronics STM32WBA62CGV6 Datasheet HTML 30Page - STMicroelectronics STM32WBA62CGV6 Datasheet HTML 31Page - STMicroelectronics STM32WBA62CGV6 Datasheet HTML 32Page - STMicroelectronics STM32WBA62CGV6 Datasheet HTML 33Page - STMicroelectronics STM32WBA62CGV6 Datasheet HTML 34Page - STMicroelectronics STM32WBA62CGV6 Datasheet HTML 35Page - STMicroelectronics STM32WBA62CGV6 Datasheet HTML 36Page - STMicroelectronics STM32WBA62CGV6 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 185 page
background image
Table 9. Operating modes overview
Mode
Regulator(1) CPU
Flash
memory
SRAM Clocks
DMA and peripherals(2)
Wake-up source
Run
Range 1
Yes
ON(3)
ON
Any
All
N/A
Range 2
All except USB OTG and 2.4 GHz RADIO
Sleep
Range 1
No
ON
ON(4)
Any
All
Any interrupt or event
Range 2
All except USB OTG and 2.4 GHz RADIO
Stop 0
Range 1
No
OFF
ON(5)
LSE
LSI(6)
BOR, PVD,
RTC, TAMP, IWDG, SLEEP_TIMER,
ADC4(7) (temperature sensor),
COMPx (x = 1, 2),
USARTx (x = 1..3)(8),
LPUART1,
SPIx (x = 1..3)(9),
I2Cx (x = 1..4)(10),
LPTIMx (x = 1, 2)(11),
GPIO, GPDMA1(12),
2.4 GHz RADIO
All other peripherals are frozen.
Reset pin, all I/Os, BOR, PVD,
RTC, TAMP, IWDG, SLEEP_TIMER,
ADC4 (temperature sensor),
COMPx (x = 1, 2),
USARTx (x = 1..3),
LPUART1,
SPIx (x = 1..3),
I2Cx (x = 1..4),
LPTIMx (x = 1, 2),
GPDMA1,
2.4 GHz RADIO
Range 2
All from Stop 0 Range 1 except USB OTG and 2.4 GHz RADIO
Stop 1(13)
LPR
No
OFF
ON(5)
LSE
LSI
BOR, PVD, RTC, TAMP, IWDG, SLEEP_TIMER,
ADC4 (temperature sensor),
COMPx (x = 1, 2),
USARTx (x = 1..3),
LPUART1,
SPIx (x = 1..3),
I2Cx (x = 1..4),
LPTIMx (x = 1, 2),
GPIO
All other peripherals are frozen.
Reset pin, all I/Os,
BOR, PVD, RTC, TAMP, IWDG, SLEEP_TIMER,
ADC4 (temperature sensor),
COMPx (x = 1, 2),
USARTx (x = 1..3),
LPUART1,
SPIx (x = 1..3),
I2Cx (x = 1..4),
LPTIMx (x = 1, 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com