Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL32F5 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BL32F5
Description  HC-49/US Microprocessor Crystals
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BL32F5 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BL32F5 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
B, BT, BR Series
HC-49/US Microprocessor Crystals
TEL 949-366-8700
FAX 949-366-8707
WEB http://www.caliberelectronics.com
Frequency Range
3.579545MHz to 100.000MHz
Frequency Tolerance/Stability
A, B, C, D, E, F, G, H, J, K, L, M
See above for details!
Other Combinations Available. Contact Factory for Custom Specifications.
Operating Temperature Range
“C” Option, “E” Option, “F” Option
0°C to 70°C, -20°C to 70°C, -40°C to 85°C
Storage Temperature Range
-55°C to 125°C
Load Capacitance
“S” Option
“XX” Option
Series
10pF to 50pF
Insulation Resistance
500 Megaohms Minimum at 100Vdc
Drive Level
2mWatts Maximum, 100uWatts Correlation
ELECTRICAL SPECIFICATIONS
Revision: 1994-D
Aging
±5ppm / year Maximum
Shunt Capacitance
7pF Maximum
Solder Temp. (max) / Plating / Moisture Sensitivity 260°C / Sn-Ag-Cu / None
EQUIVALENT SERIES RESISTANCE (ESR)
Frequency (MHz)
ESR (ohms)
Frequency (MHz)
ESR (ohms)
Frequency (MHz)
ESR (ohms)
3.579545 to 4.999
200
9.000 to 9.999
80
24.000 to 30.000
40 (AT Cut Fund)
5.000 to 5.999
150
10.000 to 14.999
70
24.000 to 50.000
40 (BT Cut Fund)
6.000 to 7.999
120
15.000 to 15.999
60
24.576 to 29.999
100 (3rd OT)
8.000 to 8.999
90
16.000 to 23.999
40
30.000 to 60.000
100 (3rd OT)
MECHANICAL DIMENSIONS
Marking Guide
11.18
MAX
4.88±0.2
4.70 MAX
3.68 MAX
6.35
MIN
0.457
±0.051DIA
All Dimensions in mm.
PART NUMBERING GUIDE
Environmental/Mechanical Specifications on page F5
B A 32 C 3 - 30.000MHz - I - AT
Package
B =HC49/US (3.68mm max. ht.)
BT=HC49/US (2.50mm max. ht.)
BR=HC49/US (2.00mm max. ht.)
Tolerance/Stability
Configuration Options
A=±50/100
N=±10/10ppm
I=Insulator Tab, TR=Tape and Reel (ammo for thru-hole), L=Third Lead
B=±30/50
P=±20/30ppm
L3=Third Lead/Base Mount, V=Vinyl Sleeve, AT=Cut of Quartz
C=±15/30
SP=Spring Mount, G-Gull Wing, G1=Gull Wing/Metal Jacket
D=±15/50
Mode of Operation
E=±25/30
1=Fundamental (over 25.000MHz AT and BT Cut Available)
F=±25/50
3=Third Overtone, 5=Fifth Overtone
G=±10/30
Operating Temperature Range
H=±20/20
C=0°C to 70°C
J=± 5/10
E=-20°C to 70°C
K=±20/20
F=-40°C to 85°C
L=±10/25
Load Capacitance
M=±15/15
S=Series, XX=XXpF (Pico Farads)
CAL I BER
Electr on ics In c.
Lead-Free
RoHS Compliant
12.000CYM
12.000 = Frequency
C
= Caliber Electronics Inc.
YM
= Date Code (Year/Month)


Similar Part No. - BL32F5

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
BL32F5 CALIBER-BL32F5 Datasheet
44Kb / 1P
HC-49/US Microprocessor Crystals
More results

Similar Description - BL32F5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CQA32C3 ETC2-CQA32C3 Datasheet
40Kb / 1P
4 Pin HC-49/US SMD Microprocessor Crystal
CA32C3 ETC2-CA32C3 Datasheet
36Kb / 1P
HC-49/US SMD Microprocessor Crystals
logo
Caliber Electronics Inc...
BA32C1 CALIBER-BA32C1 Datasheet
44Kb / 1P
HC-49/US Microprocessor Crystals
CA32C1 CALIBER-CA32C1 Datasheet
41Kb / 1P
HC-49/US SMD Microprocessor Crystals
CQA32C1 CALIBER-CQA32C1 Datasheet
45Kb / 1P
4 Pin HC-49/US SMD Microprocessor Crystal
logo
CTS Corporation
ATS073BSM CTS-ATS073BSM Datasheet
181Kb / 6P
Standard HC-49/US thru-hole and HC-49/US-SM surface mount Packages
ATS270ASM-1 CTS-ATS270ASM-1 Datasheet
182Kb / 6P
Standard HC-49/US thru-hole and HC-49/US-SM surface mount Packages
ATS073SM-1 CTS-ATS073SM-1 Datasheet
182Kb / 6P
Standard HC-49/US [thru-hole] and HC-49/US-SM surface mount Packages
logo
Raltron Electronics Cor...
AS-SMD RALTRON-AS-SMD Datasheet
193Kb / 2P
MICROPROCESSOR CRYSTAL HC-49/US LOW PROFILE
logo
Vectron International, ...
VXB1_VXB2 VECTRON-VXB1_VXB2 Datasheet
356Kb / 3P
HC-49/US SMD Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com