Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA07S024XD1R100 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # MA07S024XD1R100
Description  Automotive USB 3.2 / DP1.4 Compatible Connector , 24 pos., Receptacle , 4 Colors key variations preventing mismating , Black
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

MA07S024XD1R100 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  MA07S024XD1R100 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. MA07S024XD1R100 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MA07S024XD1R100
Features
Automotive USB 3.2 / DP1.4 Compatible Connector , 24 pos., Receptacle , 4 Colors key variations preventing mismating , Black
Part Number
MA07S024XD1R100
Status
Active
Number of Positions
24 pos.
Rated Current (A)
Signal 0.25 A, GND 3 A *Contact us for details.
Rated Voltage (V)
20 V *Contact us for details.
Connector Type
Receptacle
Connector Style
Right angle
Applicable Cable
Custom Cable *Contact us for details.
Dielectric Withstanding
Voltage
AC 100 Vr.m.s (For 1 minute)
Insulation Resistance
10 MΩ Min.(Mated)
Applicable PCB Thickness
t 1.2〜1.6 mm
Operating Temperature Range
-40 deg. C to +105 deg. C
RoHS compliant
6 substances (2011/65/EU)
REACH compliant
247 substances (21/01/2025)
Product Details


Similar Part No. - MA07S024XD1R100

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
MA07S024XD2R100 JAE-MA07S024XD2R100 Datasheet
84Kb / 2P
Automotive USB 3.2 / DP1.4 Compatible Connector , 24 pos., Receptacle , 4 Colors key variations preventing mismating , Gray
MA07S024XD3R100 JAE-MA07S024XD3R100 Datasheet
80Kb / 2P
Automotive USB 3.2 / DP1.4 Compatible Connector , 24 pos., Receptacle , 4 Colors key variations preventing mismating , Green
MA07S024XD4R100 JAE-MA07S024XD4R100 Datasheet
82Kb / 2P
Automotive USB 3.2 / DP1.4 Compatible Connector , 24 pos., Receptacle , 4 Colors key variations preventing mismating , Blue
More results

Similar Description - MA07S024XD1R100

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2504 SMSC-USB2504_06 Datasheet
781Kb / 46P
Integrated USB 2.0 Compatible 4-Port Hub
USB2504 SMSC-USB2504_07 Datasheet
596Kb / 46P
Integrated USB 2.0 Compatible 4-Port Hub
logo
Amphenol Corporation
MC1LKN0600 AMPHENOL-MC1LKN0600 Datasheet
63Kb / 1P
Straight Receptacle, 6 Pos
logo
Japan Aviation Electron...
MX49 JAE-MX49 Datasheet
264Kb / 6P
Automotive USB 2.0 Standard Compatible Connector
logo
Microchip Technology
USB2504 MICROCHIP-USB2504 Datasheet
446Kb / 42P
Integrated USB 2.0 Compatible 4-Port Hub
06/23/16
logo
Virginia Panel Corporat...
510160104 VPC-510160104 Datasheet
73Kb / 1P
24 POS PWR-CX
logo
Schneider Electric
ZA2BG4 SCHNEIDER-ZA2BG4 Datasheet
119Kb / 2P
key selector switch head - 2 pos. - stay put - withdrawal left/right-hand pos.
Mar 21, 2022
ZA2BG5 SCHNEIDER-ZA2BG5 Datasheet
119Kb / 2P
key selector switch head - 3 pos. - stay put - withdrawal left/right-hand pos.
Mar 21, 2022
ZA2BG6 SCHNEIDER-ZA2BG6 Datasheet
119Kb / 2P
key selector switch head - 2 pos. - spring return - withdrawal left-hand pos.
Mar 21, 2022
logo
Microchip Technology
USB7002 MICROCHIP-USB7002_V01 Datasheet
655Kb / 56P
4-Port USB 3.2 Gen 1 SmartHub??IC
DS00002670G (03-03-22)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com