Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS2521 Datasheet(PDF) 14 Page - Texas Instruments

Part # TAS2521
Description  Digital Input Class-D Speaker Amplifier with Embedded miniDSP and mono headphone amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2521 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TAS2521 Datasheet HTML 10Page - Texas Instruments TAS2521 Datasheet HTML 11Page - Texas Instruments TAS2521 Datasheet HTML 12Page - Texas Instruments TAS2521 Datasheet HTML 13Page - Texas Instruments TAS2521 Datasheet HTML 14Page - Texas Instruments TAS2521 Datasheet HTML 15Page - Texas Instruments TAS2521 Datasheet HTML 16Page - Texas Instruments TAS2521 Datasheet HTML 17Page - Texas Instruments TAS2521 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
t
td
S
ta
MSB OUT
BIT 6 . . . 1
LSB OUT
t
sck
t
Lead
t
Lag
tsckh
t
sckl
tr
tf
tv(DOUT)
tdis
MSB IN
BIT 6 . . . 1
LSB IN
thi
tsu
SS
SCLK
MISO
MOSI
TAS2521
SLAS687A – FEBRUARY 2013 – REVISED FEBRUARY 2013
www.ti.com
3.5.6
SPI Interface Timing
Figure 3-6. SPI Interface Timing Diagram
Timing Requirements
At 25°C, DVDD = 1.8V
Table 3-1. SPI Interface Timing
PARAMETER
TEST CONDITION
IOVDD=1.8V
IOVDD=3.3V
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
tsck
SCLK Period (1)
100
50
ns
tsckh
SCLK Pulse width High
50
25
ns
tsckl
SCLK Pulse width Low
50
25
ns
tlead
Enable Lead Time
30
20
ns
tlag
Enable Lag Time
30
20
ns
td
Sequential Transfer Delay
40
20
ns
ta
Slave DOUT access time
40
40
ns
tdis
Slave DOUT disable time
40
40
ns
tsu
DIN data setup time
15
15
ns
thi
DIN data hold time
15
10
ns
tv;DOUT
DOUT data valid time
25
18
ns
tr
SCLK Rise Time
4
4
ns
tf
SCLK Fall Time
4
4
ns
(1)
These parameters are based on characterization and are not tested in production.
14
ELECTRICAL SPECIFICATIONS
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TAS2521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com