Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

394-2AB Datasheet(PDF) 7 Page - Wakefield Thermal, Inc.

Part # 394-2AB
Description  Extruded Heat Sinks
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAKEFIELDTHERMAL [Wakefield Thermal, Inc.]
Direct Link  https://wakefieldthermal.com/
Logo WAKEFIELDTHERMAL - Wakefield Thermal, Inc.

394-2AB Datasheet(HTML) 7 Page - Wakefield Thermal, Inc.

  394-2AB Datasheet HTML 1Page - Wakefield Thermal, Inc. 394-2AB Datasheet HTML 2Page - Wakefield Thermal, Inc. 394-2AB Datasheet HTML 3Page - Wakefield Thermal, Inc. 394-2AB Datasheet HTML 4Page - Wakefield Thermal, Inc. 394-2AB Datasheet HTML 5Page - Wakefield Thermal, Inc. 394-2AB Datasheet HTML 6Page - Wakefield Thermal, Inc. 394-2AB Datasheet HTML 7Page - Wakefield Thermal, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Extruded
Heat Sinks
All other products, please contact factory for price, delivery, and minimums.
Normally stocked
56
HIGH FIN DENSITY HEAT SINKS FOR POWER MODULES, IGBTs, RELAYS
Height
Thermal Resistance (5)
(Øsa) at Typical Load
Standard Catalog P/N(5)
Milled Base (1)
Nonmilled Base (2)
Natural
Forced
Milled
Nonmilled
Base Width
Length
(“M Series”)
(“U” Series)
Convection(3)
Convection(4)
Base(1)
Base(2)
in. (mm)
in. (mm)
in. (mm)
in. (mm)
(°C/W)
(°C/W @ 100 CFM)
510-3M
510-3U
7.380 (187.452)
3.000 (76.2)
3.106 (78.9)
3.136 (79.7)
0.56
0.088
510-6M
510-6U
7.380 (187.452)
6.000 (152.4)
3.106 (78.9)
3.136 (79.7)
0.38
0.070
510-9M
510-9U
7.380 (187.452)
9.000 (228.6)
3.106 (78.9)
3.136 (79.7)
0.29
0.066
510-12M
510-12U
7.380 (187.452)
12.000 (304.8)
3.106 (78.9)
3.136 (79.7)
0.24
0.062
510-14M
510-14U
7.380 (187.452)
14.000 (355.6)
3.106 (78.9)
3.136 (79.7)
0.21
0.059
511-3M
511-3U
5.210 (132.33)
3.000 (76.2)
2.350 (59.7)
2.410 (61.2)
0.90
0.120
511-6M
511-6U
5.210 (132.33)
6.000 (152.4)
2,350 (59.7)
2.410 (61.2)
0.65
0.068
511-9M
511-9U
5.210 (132.33)
9.000 (228.6)
2.350 (59.7)
2.410 (61.2)
0.56
0.060
511-12M
511-12U
5.210 (132.33)
12.000 (304.8)
2.350 (59.7)
2.410 (61.2)
0.45
0.045
512-3M
512-3U
7.200 (182.88)
3.000 (76.2)
2.350 (59.7)
2.410 (61.2)
0.90
0.120
512-6M
512-6U
7.200 (182.88)
6.000 (152.4)
2.350 (59.7)
2.410 (61.2)
0.65
0.068
512-9M
512-9U
7.200 (182.88)
9.000 (228.6)
2.350 (59.7)
2.410 (61.2)
0.56
0.060
512-12M
512-12U
7.200 (182.88)
12.000 (304.8)
2.350 (59.7)
2.410 (61.2)
0.45
0.045
MECHANICAL DIMENSIONS
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
Series
A
B
C
Flatness
511-U 512-U
0.250 (6.4)
2.410 (61.2)
0.372 (9.4) 0.006 in./in. (0.15 mm/mm)
511-M 512-M 0.220 (5.6)
2.350 (59.7
0.342 (8.7) 0.002 in./in. (0.05 mm/mm)
Dimensions: in. (mm)
Series
A
B
Flatness
510-U
0.216 (5.5)
3.136 (79.7)
0.006 in./in. (0.15 mm/mm)
510-M
0.165 (4.2)
3.106 (78.9)
0.002 in./in. (0.05 mm/mm)
510 SERIES
510 Series (Extrusion Profile 5113)
511 Series (Extrusion Profile 6438-1)
511 AND 512 SERIES
512 Series (Extrusion Profile 6438-2)
392 SERIES HIGH PERFORMANCE HEAT SINKS FOR POWER MODULES, IGBTs AND SOLID STATE RELAYS
Thermal Resistance at Typical Load
Standard P/N, Finish
Natural
Forced
Black
Gold
Length
Convection (Øsa)
Convection (Øsa)
Weight
Anodized
Iridite
in. (mm)
(°CW)
(°CW)
lbs. (grams)
392-120AB
392-120AG
4.725 (120.0)
0.50
0.16 @ 100 CFM
4.452 (2019.43)
392-180AB
392-180AG
7.087 (180.0)
0.43
0.11 @ 100 CFM
6.636 (3010.09)
392-300AB
392-300AG
11.811 (300.0)
0.33
0.08 @ 100 CFM
1O.420 (4726.51)
392 SERIES
(EXTRUSION
PROFILE 5658)
510, 511 AND 512 SERIES
Notes:
1. Precision-milled base for maximum heat transfer
performance (flatness 0.002 in./in.)
2. Nonmilled base flatness: 0.006 in./in.
3. Natural convection heat dissipation for distributed heat
sources at 50°C rise.
4. Forced convection heat dissipation for distributed heat
sources at 100 cubic feet per minute, shrouded condition.
5. Standard models are provided without finish.
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
MECHANICAL DIMENSIONS
Dimensions: in. (mm)
NATURAL
CONVECTION
392-120 (1 MOD)
392-180 (1 MOD)
392-300 (1 MOD)
392-300 (3 MOD)
FORCED
CONVECTION
392-120 (1 MOD)
392-120 (3 MOD)
392-180 (1 MOD)
392-180 (3 MOD)
392-300 (3 MOD)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com