Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDP2004 Datasheet(PDF) 1 Page - Texas Instruments

Part # TDP2004
Description  TDP2004-Q1 Automotive Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDP2004 Datasheet(HTML) 1 Page - Texas Instruments

  TDP2004 Datasheet HTML 1Page - Texas Instruments TDP2004 Datasheet HTML 2Page - Texas Instruments TDP2004 Datasheet HTML 3Page - Texas Instruments TDP2004 Datasheet HTML 4Page - Texas Instruments TDP2004 Datasheet HTML 5Page - Texas Instruments TDP2004 Datasheet HTML 6Page - Texas Instruments TDP2004 Datasheet HTML 7Page - Texas Instruments TDP2004 Datasheet HTML 8Page - Texas Instruments TDP2004 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
TDP2004-Q1 Automotive Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
1 Features
• Automotive Q100 qualified
• –40 to 105°C (grade 2) ambient temperature
support without heatsink
• Supports DisplayPort 2.1 up to 20Gbps (UHBR20)
• Integrated cross-point mux suitable for USB-C
Alternate Mode
• Supports AC coupled HDMI 2.1 source up to
12Gbps
• Protocol agnostic linear equalizer supporting most
AC coupled interfaces up to 20Gbps
• Excellent electrical performance at 20Gbps
(10GHz Nyquist):
– 20dB equalization
– 1.65V DC linearity, 1.1V AC linearity
– –11 / –18dB Rx / Tx return loss
– 70fs low additive RJ with PRBS data
• Transparent to DisplayPort or HDMI FRL link
training
• Single 3.3V supply with 160mW/chan active power
• Internal voltage regulator provides immunity to
supply noise
• High linearity easing DP compliance ratio tests
• High BW resulting excellent linear EQ curves
• Pin-strap, I2C or EEPROM programming
– 18 EQ boost and 5 flat gain settings
2 Applications
• Advanced driver assistance systems (ADAS)
• Infotainment & cluster
• Display
• Head Unit and Digital Cockpit
• Media Hub
3 Description
The TDP2004-Q1 is a four-channel low-power high-
performance linear repeater or redriver designed
to support DisplayPort 2.1 up to 20Gbps and AC
coupled HDMI2.1 Source up to 12Gbps.
The TDP2004-Q1 receivers deploy continuous time
linear equalizers (CTLE) to provide a programmable
high-frequency boost. The equalizer can open an
input eye that is completely closed due to inter-
symbol interference (ISI) induced by an interconnect
medium, such as PCB traces or cables. The linear
data-paths of TDP2004-Q1 preserve transmit preset
signal characteristics. High bandwidth, low channel-
to-channel cross-talk, low additive jitter and excellent
return loss makes the device almost a passive
element in the link, but with useful equalization. The
DisplayPort link training is effective through the linear
redriver that becomes part of the passive channel in
between source Tx and sink Rx. This transparency in
the link training protocol results in optimum electrical
link and lowest possible latency. The data-path of the
device uses an internally regulated power rail that
provides high immunity to any supply noise on the
board.
The device also has low AC and DC gain variation
providing consistent equalization in high volume
platform deployment.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
TDP2004-Q1
RGF (VQFN, 40)
5mm × 7mm
(1)
For more information, see Section 9.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
Display
TDP2004
TDP2004
TDP2004
AC coupled HDMI
DP 2.1
Media Box
Typical Application
TDP2004-Q1
SNLS787 – SEPTEMBER 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TDP2004

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDP2004 TI1-TDP2004 Datasheet
1Mb / 29P
TDP2004 Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
NOVEMBER 2023
TDP2004IRNQR TI1-TDP2004IRNQR Datasheet
1Mb / 29P
TDP2004 Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
NOVEMBER 2023
TDP2004IRNQT TI1-TDP2004IRNQT Datasheet
1Mb / 29P
TDP2004 Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
NOVEMBER 2023
TDP2004RNQR TI1-TDP2004RNQR Datasheet
1Mb / 29P
TDP2004 Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
NOVEMBER 2023
TDP2004RNQT TI1-TDP2004RNQT Datasheet
1Mb / 29P
TDP2004 Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
NOVEMBER 2023
More results

Similar Description - TDP2004

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5414C-Q1 TI-TAS5414C-Q1_15 Datasheet
1Mb / 51P
TAS54x4C-Q1 Four-Channel Automotive Digital Amplifiers
TAS5424C-Q1 TI-TAS5424C-Q1_15 Datasheet
1Mb / 51P
TAS54x4C-Q1 Four-Channel Automotive Digital Amplifiers
SN65DP141 TI1-SN65DP141 Datasheet
920Kb / 32P
DisplayPort Linear Redriver
TDP142 TI1-TDP142 Datasheet
866Kb / 34P
DisplayPort 8.1 Gbps Linear Redriver
logo
NXP Semiconductors
PTN3816 NXP-PTN3816 Datasheet
533Kb / 33P
DisplayPort 20Gbps 4-lane linear redriver
PTN38003A NXP-PTN38003A Datasheet
770Kb / 55P
Multi-protocol USB3.2 and DisplayPort linear redriver
Rev.2.1-8 December 2021
logo
Diodes Incorporated
PI2DPX2023 DIODES-PI2DPX2023 Datasheet
1Mb / 23P
1.8V 20Gbps DP2.0 Linear ReDriver with AUX Listener & Pin Strap control
Rev 4 - 2 July 2022
PI2DPX2063 DIODES-PI2DPX2063 Datasheet
1Mb / 36P
1.8V 20Gbps DP2.0 Linear ReDriver with AUX Listener & I2C Control
Rev 2 - 2 July 2022
logo
Texas Instruments
DS320PR410 TI-DS320PR410 Datasheet
2Mb / 32P
DS320PR410 Four-Channel Linear Redriver for PCIe™ 5.0, CXL 2.0
OCTOBER 2023
TDP2004 TI1-TDP2004 Datasheet
1Mb / 29P
TDP2004 Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com