Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS7368IPWR Datasheet(PDF) 4 Page - Texas Instruments

Part # THS7368IPWR
Description  6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and 6-dB Gain
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS7368IPWR Datasheet(HTML) 4 Page - Texas Instruments

  THS7368IPWR Datasheet HTML 1Page - Texas Instruments THS7368IPWR Datasheet HTML 2Page - Texas Instruments THS7368IPWR Datasheet HTML 3Page - Texas Instruments THS7368IPWR Datasheet HTML 4Page - Texas Instruments THS7368IPWR Datasheet HTML 5Page - Texas Instruments THS7368IPWR Datasheet HTML 6Page - Texas Instruments THS7368IPWR Datasheet HTML 7Page - Texas Instruments THS7368IPWR Datasheet HTML 8Page - Texas Instruments THS7368IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
THS7368
SBOS497 – DECEMBER 2009
www.ti.com
ELECTRICAL CHARACTERISTICS: VS+ = +3.3 V (continued)
At TA = +25°C, RL = 150 Ω to GND, Filter mode, and dc-coupled input/output, unless otherwise noted.
THS7368
TEST
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
LEVEL(1)
AC PERFORMANCE (SF CHANNELS, ED FILTER)
Passband bandwidth
–1 dB; VO = 0.2 VPP and 2 VPP
11
16
18.5
MHz
B
Small- and large-signal bandwidth
–3 dB; VO = 0.2 VPP and 2 VPP
15
18
21
MHz
B
With respect to 500 kHz(4), f = 11 MHz
–1
–0.2
1
dB
B
Attenuation
With respect to 500 kHz(4), f = 54 MHz
42
54
dB
B
Group delay
f = 100 kHz
36
ns
C
Group delay variation
f = 11 MHz with respect to 100 kHz
9
ns
C
Channel-to-channel delay
0.3
ns
C
Total harmonic distortion
f = 5 MHz, VO = 1.4 VPP
–47
dB
C
100 kHz to 12 MHz, non-weighted
64.5
dB
C
Signal-to-noise ratio
100 kHz to 12 MHz, unified weighting
73.5
dB
C
All channels, TA = +25°C
5.7
6
6.3
dB
A
Gain
All channels, TA = –40°C to +85°C
5.65
6.35
dB
B
Output impedance
f = 12 MHz
0.7
Ω
C
Return loss
f = 12 MHz
46
dB
C
f = 10 MHz, SF to SD channels
–66
dB
C
Crosstalk
f = 10 MHz, SD to SF channels
–66
dB
C
f = 10 MHz, SF to SF channels
–49
dB
C
AC PERFORMANCE (SF CHANNELS, HD FILTER)
Passband bandwidth
–1 dB; VO = 0.2 VPP and 2 VPP
26
29
33
MHz
B
Small- and large-signal bandwidth
–3 dB; VO = 0.2 VPP and 2 VPP
30
36
40
MHz
B
With respect to 500 kHz(4), f = 27 MHz
–0.5
0.7
2
dB
B
Attenuation
With respect to 500 kHz(4), f = 74 MHz
33
40
dB
B
Group delay
f = 100 kHz
20
ns
C
Group delay variation
f = 27 MHz with respect to 100 kHz
7.5
ns
C
Channel-to-channel delay
0.3
ns
C
Total harmonic distortion
f = 10 MHz, VO = 1.4 VPP
–50
dB
C
100 kHz to 30 MHz, non-weighted
61.5
dB
C
Signal-to-noise ratio
100 kHz to 30 MHz, unified weighting
71.5
dB
C
All channels, TA = +25°C
5.7
6
6.3
dB
A
Gain
All channels, TA = –40°C to +85°C
5.65
6.35
dB
B
Output impedance
f = 30 MHz
1
Ω
C
Return loss
f = 30 MHz
43
dB
C
f = 25 MHz, SF to SD channels
–56
dB
C
Crosstalk
f = 25 MHz, SD to SF channels
–70
dB
C
f = 25 MHz, SF to SF channels
–40
dB
C
(4)
3.3-V supply filter specifications are ensured by 100% testing at 5-V supply along with design and characterization.
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): THS7368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com