Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3095D Datasheet(PDF) 4 Page - Texas Instruments

Part # THS3095D
Description  THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS3095D Datasheet(HTML) 4 Page - Texas Instruments

  THS3095D Datasheet HTML 1Page - Texas Instruments THS3095D Datasheet HTML 2Page - Texas Instruments THS3095D Datasheet HTML 3Page - Texas Instruments THS3095D Datasheet HTML 4Page - Texas Instruments THS3095D Datasheet HTML 5Page - Texas Instruments THS3095D Datasheet HTML 6Page - Texas Instruments THS3095D Datasheet HTML 7Page - Texas Instruments THS3095D Datasheet HTML 8Page - Texas Instruments THS3095D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
5 Device Comparison Table
DEVICE
MAX SUPPLY, VS
(V)
SSBW,
AV = 5
(MHz)
MAXIMUM ICC AT
25°C
(mA)
INPUT NOISE Vn
(nV/√Hz)
SLEW RATE
(V/µs)
LINEAR
OUTPUT
CURRENT
(mA)
THS3491
±16
900
17.3
1.7
8000
±420
THS3095
±16
205
10.5
1.1
6000
±310
OPA695
±6
700 (AV = 4)
13.3
1.8
4300
±90
THS3001
±16
350
7.5
1.6
6300
±120
THS3115
±15
100 (AV = 4)
5.5
2.2
1550
±270
6 Pin Configuration and Functions
1
2
3
4
8
7
6
5
NC
VIN−
VIN+
VS−
VS+
VOUT
NC
NC
Figure 6-1. DGN or DDA Package,
8-Pin SOIC, HVSSOP or SO-PowerPAD
THS3091 (Top View)
1
2
3
4
8
7
6
5
REF
VIN−
V
IN+
VS−
PD
VS+
VOUT
NC
Figure 6-2. DDA Package,
SO-PowerPAD
THS3095 (Top View)
Table 6-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
THS3091
THS3095
NC
1, 5, 8
5
No connection
PD
8
I
Amplifier power down
Low = amplifier disabled
High (default) = amplifier enabled
REF
1
I
Voltage reference input to set PD threshold level
VIN–
2
2
I
Inverting input
VIN+
3
3
I
Noninverting input
VOUT
6
6
O
Output of amplifier
VS–
4
4
P
Negative power supply
VS+
7
7
P
Positive power supply
(1)
I= input, O = output, POW= power, and NC = no internal connection
THS3091, THS3095
SLOS423K – SEPTEMBER 2003 – REVISED APRIL 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: THS3091 THS3095



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com