Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4541IRUNR.B Datasheet(PDF) 60 Page - Texas Instruments

Part # THS4541IRUNR.B
Description  THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850MHz Fully Differential Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4541IRUNR.B Datasheet(HTML) 60 Page - Texas Instruments

Back Button THS4541IRUNR.B Datasheet HTML 56Page - Texas Instruments THS4541IRUNR.B Datasheet HTML 57Page - Texas Instruments THS4541IRUNR.B Datasheet HTML 58Page - Texas Instruments THS4541IRUNR.B Datasheet HTML 59Page - Texas Instruments THS4541IRUNR.B Datasheet HTML 60Page - Texas Instruments THS4541IRUNR.B Datasheet HTML 61Page - Texas Instruments THS4541IRUNR.B Datasheet HTML 62Page - Texas Instruments THS4541IRUNR.B Datasheet HTML 63Page - Texas Instruments THS4541IRUNR.B Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 66 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.07 MIN
ALL AROUND
0.07 MAX
ALL AROUND
16X (0.24)
16X (0.6)
(
0.2) TYP
VIA
12X (0.5)
(2.8)
(2.8)
(0.475)
TYP
(
1.45)
(R0.05)
ALL PAD CORNERS
(0.475) TYP
VQFN - 1 mm max height
RGT0016A
PLASTIC QUAD FLATPACK - NO LEAD
4219032/A 02/2017
SYMM
1
4
5
8
9
12
13
16
SYMM
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE:20X
17
NOTES: (continued)
5. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271).
6. Vias are optional depending on application, refer to device data sheet. If any vias are implemented, refer to their locations shown
on this view. It is recommended that vias under paste be filled, plugged or tented.
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED
EXPOSED METAL
METAL
SOLDER MASK
OPENING
SOLDER MASK DETAILS
NON SOLDER MASK
DEFINED
(PREFERRED)
EXPOSED METAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com