Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4151CD Datasheet(PDF) 9 Page - Texas Instruments

Part # THS4151CD
Description  HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4151CD Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS4151CD Datasheet HTML 5Page - Texas Instruments THS4151CD Datasheet HTML 6Page - Texas Instruments THS4151CD Datasheet HTML 7Page - Texas Instruments THS4151CD Datasheet HTML 8Page - Texas Instruments THS4151CD Datasheet HTML 9Page - Texas Instruments THS4151CD Datasheet HTML 10Page - Texas Instruments THS4151CD Datasheet HTML 11Page - Texas Instruments THS4151CD Datasheet HTML 12Page - Texas Instruments THS4151CD Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
−120
−110
−100
−90
−80
−70
0
1
2
3
4
5
3rd HD
2nd HD
5th HD
4th HD
Single Input to
Differential Output
Gain = 1,
Rf = 390 Ω,
RL = 800 Ω,
VCC = ±5 V
f = 1 MHz
VO − Output Voltage − V
−120
−110
−100
−90
−80
−70
0
1
2
3
4
5
3rd HD
2nd HD
5th HD
4th HD
Single Input to
Differential Output
Gain = 1,
Rf = 390 Ω,
RL = 800 Ω,
VCC = ±15 V
f = 1 MHz
VO − Output Voltage − V
−120
−110
−100
−90
−80
−70
0
1
2
3
4
5
3rd HD
2nd HD
5th HD
4th HD
Differential Input to
Differential Output
Gain = 1,
Rf = 390 Ω,
RL = 800 Ω,
VCC = ±5 V
f = 1 MHz
VO − Output Voltage − V
−120
−110
−100
−90
−80
−70
0
1
2
3
4
5
3rd HD
2nd HD
5th HD
4th HD
Differential Input to
Differential Output
Gain = 1,
Rf = 390 Ω,
RL = 800 Ω,
VCC = ±15 V
f = 1 MHz
VO − Output Voltage − V
THS4150
THS4151
www.ti.com........................................................................................................................................................... SLOS321G – MAY 2000 – REVISED MARCH 2009
TYPICAL CHARACTERISTICS (continued)
HARMONIC DISTORTION
HARMONIC DISTORTION
vs
vs
OUTPUT VOLTAGE
OUTPUT VOLTAGE
Figure 14.
Figure 15.
HARMONIC DISTORTION
HARMONIC DISTORTION
vs
vs
OUTPUT VOLTAGE
OUTPUT VOLTAGE
Figure 16.
Figure 17.
Copyright © 2000–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): THS4150 THS4151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com