Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL052IP Datasheet(PDF) 50 Page - Texas Instruments

Part # TL052IP
Description  ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL052IP Datasheet(HTML) 50 Page - Texas Instruments

Back Button TL052IP Datasheet HTML 46Page - Texas Instruments TL052IP Datasheet HTML 47Page - Texas Instruments TL052IP Datasheet HTML 48Page - Texas Instruments TL052IP Datasheet HTML 49Page - Texas Instruments TL052IP Datasheet HTML 50Page - Texas Instruments TL052IP Datasheet HTML 51Page - Texas Instruments TL052IP Datasheet HTML 52Page - Texas Instruments TL052IP Datasheet HTML 53Page - Texas Instruments TL052IP Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 65 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
7-Nov-2025
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
TL052IP
Active
Production
PDIP (P) | 8
50 | TUBE
Yes
NIPDAU
N/A for Pkg Type
-40 to 85
TL052IP
TL052IP.A
Active
Production
PDIP (P) | 8
50 | TUBE
Yes
NIPDAU
N/A for Pkg Type
-40 to 85
TL052IP
TL054ACD
Obsolete
Production
SOIC (D) | 14
-
-
Call TI
Call TI
0 to 70
TL054AC
TL054ACDR
Active
Production
SOIC (D) | 14
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
0 to 70
TL054AC
TL054ACDR.A
Active
Production
SOIC (D) | 14
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
0 to 70
TL054AC
TL054ACN
Active
Production
PDIP (N) | 14
25 | TUBE
Yes
NIPDAU
N/A for Pkg Type
0 to 70
TL054ACN
TL054ACN.A
Active
Production
PDIP (N) | 14
25 | TUBE
Yes
NIPDAU
N/A for Pkg Type
0 to 70
TL054ACN
TL054AID
Obsolete
Production
SOIC (D) | 14
-
-
Call TI
Call TI
-40 to 85
TL054AI
TL054AIDR
Active
Production
SOIC (D) | 14
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
TL054AI
TL054AIDR.A
Active
Production
SOIC (D) | 14
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
TL054AI
TL054AIDRG4
Active
Production
SOIC (D) | 14
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
TL054AI
TL054AIDRG4.A
Active
Production
SOIC (D) | 14
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
TL054AI
TL054CD
Obsolete
Production
SOIC (D) | 14
-
-
Call TI
Call TI
0 to 70
TL054C
TL054CDR
Active
Production
SOIC (D) | 14
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
0 to 70
TL054C
TL054CDR.A
Active
Production
SOIC (D) | 14
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
0 to 70
TL054C
TL054CN
Active
Production
PDIP (N) | 14
25 | TUBE
Yes
NIPDAU
N/A for Pkg Type
0 to 70
TL054CN
TL054CN.A
Active
Production
PDIP (N) | 14
25 | TUBE
Yes
NIPDAU
N/A for Pkg Type
0 to 70
TL054CN
TL054CNSR
Active
Production
SOP (NS) | 14
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
0 to 70
TL054
TL054CNSR.A
Active
Production
SOP (NS) | 14
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
0 to 70
TL054
TL054ID
Obsolete
Production
SOIC (D) | 14
-
-
Call TI
Call TI
-40 to 85
TL054I
TL054IDR
Active
Production
SOIC (D) | 14
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
TL054I
TL054IDR.A
Active
Production
SOIC (D) | 14
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
TL054I
TL054IN
Active
Production
PDIP (N) | 14
25 | TUBE
Yes
NIPDAU
N/A for Pkg Type
-40 to 85
TL054IN
TL054IN.A
Active
Production
PDIP (N) | 14
25 | TUBE
Yes
NIPDAU
N/A for Pkg Type
-40 to 85
TL054IN
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
Addendum-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com