Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL071IDRG4 Datasheet(PDF) 74 Page - Texas Instruments

Part # TL071IDRG4
Description  TL07xx Low-Noise, FET-Input Operational Amplifiers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL071IDRG4 Datasheet(HTML) 74 Page - Texas Instruments

Back Button TL071IDRG4 Datasheet HTML 70Page - Texas Instruments TL071IDRG4 Datasheet HTML 71Page - Texas Instruments TL071IDRG4 Datasheet HTML 72Page - Texas Instruments TL071IDRG4 Datasheet HTML 73Page - Texas Instruments TL071IDRG4 Datasheet HTML 74Page - Texas Instruments TL071IDRG4 Datasheet HTML 75Page - Texas Instruments TL071IDRG4 Datasheet HTML 76Page - Texas Instruments TL071IDRG4 Datasheet HTML 77Page - Texas Instruments TL071IDRG4 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 89 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
(2.6)
0.05 MAX
ALL AROUND
0.05 MIN
ALL AROUND
8X (1.05)
8X (0.45)
6X (0.65)
(R0.05)
TYP
4222047/E 07/2024
SOT-23-THIN - 1.1 mm max height
DDF0008A
PLASTIC SMALL OUTLINE
SYMM
SYMM
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE:15X
1
4
5
8
NOTES: (continued)
4. Publication IPC-7351 may have alternate designs.
5. Solder mask tolerances between and around signal pads can vary based on board fabrication site.
METAL
SOLDER MASK
OPENING
NON SOLDER MASK
DEFINED
SOLDER MASK DETAILS
EXPOSED
METAL
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED
EXPOSED
METAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com