Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WBA62CGU7TR Datasheet(PDF) 21 Page - STMicroelectronics

Part # STM32WBA62CGU7TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA62CGU7TR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STM32WBA62CGU7TR Datasheet HTML 17Page - STMicroelectronics STM32WBA62CGU7TR Datasheet HTML 18Page - STMicroelectronics STM32WBA62CGU7TR Datasheet HTML 19Page - STMicroelectronics STM32WBA62CGU7TR Datasheet HTML 20Page - STMicroelectronics STM32WBA62CGU7TR Datasheet HTML 21Page - STMicroelectronics STM32WBA62CGU7TR Datasheet HTML 22Page - STMicroelectronics STM32WBA62CGU7TR Datasheet HTML 23Page - STMicroelectronics STM32WBA62CGU7TR Datasheet HTML 24Page - STMicroelectronics STM32WBA62CGU7TR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 185 page
background image
DS14736 Rev 1
21/185
STM32WBA6xxx
Functional overview
69
3.5.2
Additional flash memory protections when TrustZone is activated
When the TrustZone security is enabled through option bytes, the whole flash memory is
secure after reset and the following protections are available:
•
Nonvolatile watermark-based secure flash memory area
The secure area can be accessed only in Secure mode. One area can be selected with
a page granularity.
•
Secure hide protection area (HDP)
It is part of the flash memory secure area and can be protected to deny access to this
area by any data read, write, and instruction fetch. For example, a software code in the
secure flash memory hide protection area can be executed only once and deny any
further access to this area until the next system reset. One area can be selected at the
beginning of the secure area.
•
Volatile block-based secure flash memory area
Each page can be programmed on-the-fly as secure or nonsecure.
3.5.3
FLASH privilege protection
Each flash memory page can be programmed on-the-fly as privileged or unprivileged.
OTP
0.5
Yes
Yes(7)
N/A
Yes
Yes(7)
N/A
1Yes
Yes(7)
N/A
Yes
Yes(7)
N/A
2Yes
Yes(7)
N/A
N/A
N/A
N/A
Backup registers
0.5
Yes
Yes
N/A
Yes(2)
Yes(2)
N/A(8)
1
Yes
Yes
N/A
No
No
N/A(8)
2
Yes
Yes
N/A
N/A
N/A
N/A
SRAM2
0.5
Yes
Yes
N/A
Yes(2)
Yes(2)
N/A(9)
1
Yes
Yes
N/A
No
No
N/A(9)
2
Yes
Yes
N/A
N/A
N/A
N/A
1. When the protection level 2 is active, the debug port and the bootloader mode are disabled.
2. Depends on TrustZone security access rights.
3. The system memory is only read-accessible, whatever the protection level (0, 1 or 2) and execution mode.
4. Option bytes are only accessible through the flash registers interface and OPSTRT bit.
5. The flash main memory is erased when the RDP option byte regresses from level 1 to level 0.
6. SWAP_BANK user option can be modified.
7. OTP can be written only once.
8. The backup registers are erased when RDP changes from level 1 to level 0.
9. All SRAMs are erased when RDP changes from level 1 to level 0.
Table 4. Access status versus protection level and execution modes when TZEN = 1 (continued)
Area
RDP
level
User execution
(boot from flash memory)
Debug/bootloader(1)
Read
Write
Erase
Read
Write
Erase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com