Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS-P5 Datasheet(PDF) 2 Page - HellermannTyton.

Part # CS-P5
Description  Electrical Installation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

CS-P5 Datasheet(HTML) 2 Page - HellermannTyton.

  CS-P5 Datasheet HTML 1Page - HellermannTyton. CS-P5 Datasheet HTML 2Page - HellermannTyton.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
377
4.3
Further information at www.HellermannTyton.com/installation
Electrical Installation
Cable Rods
Cable Scout+ is supplied with a range of useful standard accessories.
Additional accessories can be purchased separately. Cable Grips are
designed to grip objects and provide reliable and time saving method of
securing cables & pipes to the rods. Just open the grip by compressing
the braid, push the grip over the cable or pipe and release the grip,
which will contract and establish a tight grip on the cable or pipe to the
rod set.
Features and Benefits
• Accessory kit includes a lot of useful tools
• User can inspect, illuminate and retrieve
• Cable grips allows a very fast way to pull cables
• Whisk glides smoothly over obstacles
• LED Beam brings light into the dark
• Strong magnet lifts metallic tools up to 2.5 kg weight
Cable Installation System - Cable Scout+
Cable Grips are available in five different sizes to attach a wide range of cable
diameters.
Cable Scout+ Accessories
The strong magnet lifts a metallic tool
of up to 2.5 kg.
The whisk allows the rod to glide over
obstructions easily.
The Cable Scout+ Beam - a perfect tool
for seeing into cavities.
TYPE
Drawing
Description
Article-No.
CS-SA
Accessory Kit: Includes a 15 cm long flexi lead, gender changer, mini hook, tuff hook, mini eye,
split ring, round bullet, flat bullet, single magnet, chain
897-90004
CS-ACG1630
Cable Grip: Suitable for diameter 1.6 - 3.0 cm
897-90027
CS-ACG0415
Cable grips: Suitable for diameters 0.4 - 1.5 cm
897-90026
CS-AW
Whisk: Enables cables to glide over rough and uneven surfaces.
897-90018
CS-AB
Beam: Useful LED torch enables inspection of working area. Uses 1 x AAA Battery.
897-90016
CS-AMG2
Strong Magnet: Enables positioning or retrieval of items weighing up to 2.5 kg.
897-90015
Subject to technical changes.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com