Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GLSE Datasheet(PDF) 6 Page - HellermannTyton.

Part # GLSE
Description  The Award Winning Multi Purpose Cable Installation Tool
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

GLSE Datasheet(HTML) 6 Page - HellermannTyton.

Back Button GLSE Datasheet HTML 2Page - HellermannTyton. GLSE Datasheet HTML 3Page - HellermannTyton. GLSE Datasheet HTML 4Page - HellermannTyton. GLSE Datasheet HTML 5Page - HellermannTyton. GLSE Datasheet HTML 6Page - HellermannTyton. GLSE Datasheet HTML 7Page - HellermannTyton. GLSE Datasheet HTML 8Page - HellermannTyton. GLSE Datasheet HTML 9Page - HellermannTyton. GLSE Datasheet HTML 10Page - HellermannTyton.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
131
6.4
Essentials
Cable Rod Attachments - Best Sellers
T
Super Grips
This attachment provides a quick solution by gripping objects from
outside and tightening the grip under tension, they provide a very
reliable and super fast method for securing pipes and cables to rods.
The Super Grip is available in a wide range of sizes and multi packs
which cater for most cable sizes.
The Glider
This attachment allows the rod to glide over rough and uneven
surfaces, such as joists and glass-fibre insulation without snagging.
It can be used in cable trays.
Product
Reference
Single Packs
4mm - 6mm
CRSK0406
6mm - 10mm
CRSK0610
11mm - 15mm
CRSK1115
16mm - 22mm
CRSK1622
22mm - 30mm
CRSK2330
Multi Packs
4mm - 15mm Triple Pack
CRSK0415
6mm - 15mm Double Pack
CRSK0615
16mm - 30mm Double Pack
CRSK1630
4mm - 30mm 5 Pack
CRSK0430
Product & Cable Size Suitability
Super Grip mesh tightens under tension
Product
Reference
Glider
CRGLIDE
The Gilder
Super Beam
Described by many customers as “a must have attachment”. This super
bright LED torch attachment which has a continuous run time of 6
hours screws onto the end of the rod and allows you to see obstructions
within the cavity space without struggling to reach in with a torch.
Product
Reference
Super Beam
CRSB
Super Beam
Super Beam Replacement Battery
A handy replacement battery set to complement the ‘Super Beam’
torch attachment.
Product
Reference
Super Beam Replacement Battery CRRB
Super Beam
G_Ess IRISH Sect6
26/7/06
15:06
Page 131



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com