Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS-ACG0415 Datasheet(PDF) 1 Page - HellermannTyton.

Part # CS-ACG0415
Description  Electrical Installation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

CS-ACG0415 Datasheet(HTML) 1 Page - HellermannTyton.

  CS-ACG0415 Datasheet HTML 1Page - HellermannTyton. CS-ACG0415 Datasheet HTML 2Page - HellermannTyton.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
376
4.3
Further information at www.HellermannTyton.com/installation
Electrical Installation
Cable Rods
Cable Scout+ is a professional cable routing tool which enables installers
to easily route cables, saving time, even with the most challenging
installations. The rods are manufactured from high quality Glass
Reinforced Plastic (GRP), which enables a load carrying capacity of up
to 200 kg. Cable Scout+ offers a range of features which allows the
installer to illuminate, grip, inspect and retrieve by using the range of
accessories. Cable Scout+ is supplied in a useful durable bag which
contains the rods and accessories all in one place.
Features and Benefits
• Professional cable installation tool
• Enables time savings to be achieved even with challenging
installations
• Rods manufactured from high quality Glass Reinforced Plastic (GRP)
• Load carrying capacity of 200 kg
• Range of accessories enabling the installer to illuminate, grip inspect
and retrieve.
• Rods & accessories contained in a useful durable storage bag
Application video: Cable Scout+
Cable Installation System - Cable Scout+
All components stored neat and tidy with the Cable Scout+ Deluxe set.
Cable Scout+ Rod Sets
Basic Set.
Handy Set.
TYPE
Description
Content
Rods
Rod Capacity
(m)
Content
Accessories
Article-
No.
CS-SB
Basic Set: designed to perform basic
cable installation
10 rods x 1 m (white)
10.0 m
15 cm white flexi lead, gender
changer, tuff hook, mini eye
897-90000
CS-SD
Deluxe Set: the most comprehensive set
aimed for carrying out larger installations
2 rods x 1 m (white)
6 rods x 1 m (red)
2 rods x 1 m (blue)
10.0 m
15 cm white flexi lead, split ring,
gender changer, tuff hook, mini
eye, domed bullet, flat bullet,
beam, single magnet
897-90001
CS-SH
Handy Set: made up for fitting in a tool
box
1 rod x 40 cm (white)
2 rods x 40 cm (red)
1 rod x 40 cm (blue)
1.6 m
40 cm white flexi lead, domed
bullet, mini hook, mini eye
897-90003
Subject to technical changes.
Overview of the rods selection.
Cable Scout+ Rod Pairs
Overview on Cable Scout+
marginal bending radii.
TYPE
Content
Rods
Flexibility
Ø D
Article-No.
CS-P6
One pair of 1 m blue rods
strong
6.0
897-90007
CS-PN
One pair of 1 m nylon rods
fully flexible
5.0
897-90008
CS-P5
One pair of 1 m red rods
medium
5.0
897-90006
CS-P4
One pair of 1 m white rods
flexible
4.0
897-90005
All dimensions in mm. Subject to technical changes.


Similar Part No. - CS-ACG0415

ManufacturerPart #DatasheetDescription
logo
American Beauty Tools
CS-ABKIT AMERICANBEAUTY-CS-ABKIT Datasheet
1Mb / 2P
40 WATT, 1/4" PENCIL-STYLE SOLDERING IRON
More results

Similar Description - CS-ACG0415

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84298A0042L EPCOS-B84298A0042L Datasheet
156Kb / 2P
Installation Accessories
B84298A0046L EPCOS-B84298A0046L Datasheet
130Kb / 2P
Installation Accessories
B84298M EPCOS-B84298M Datasheet
269Kb / 5P
Installation Accessories
logo
Honeywell Solid State E...
4AV15F HONEYWELL-4AV15F Datasheet
78Kb / 4P
Installation Instructions
logo
Advantech Co., Ltd.
UTC-515 ADVANTECH-UTC-515 Datasheet
262Kb / 1P
Installation Accessories
UTC-520 ADVANTECH-UTC-520 Datasheet
262Kb / 1P
Installation Accessories
logo
Cherry Semiconductor Co...
MW-2100 CHERRY-MW-2100 Datasheet
65Kb / 2P
Simple installation
logo
Adels-Contact
1697P5 ADELS-1697P5 Datasheet
122Kb / 2P
Lighting, Installation, Electrical Appliances
12/11/2019
logo
M-System Co.,Ltd.
M1E-BS MSYSTEM-M1E-BS Datasheet
170Kb / 2P
INSTALLATION BASE
M1EBS MSYSTEM-M1EBS Datasheet
170Kb / 2P
INSTALLATION BASE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com