Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPSC12G065-Y Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPSC12G065-Y
Description  Automotive 650 V, 12 A high surge silicon carbide power Schottky diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC12G065-Y Datasheet(HTML) 4 Page - STMicroelectronics

  STPSC12G065-Y Datasheet HTML 1Page - STMicroelectronics STPSC12G065-Y Datasheet HTML 2Page - STMicroelectronics STPSC12G065-Y Datasheet HTML 3Page - STMicroelectronics STPSC12G065-Y Datasheet HTML 4Page - STMicroelectronics STPSC12G065-Y Datasheet HTML 5Page - STMicroelectronics STPSC12G065-Y Datasheet HTML 6Page - STMicroelectronics STPSC12G065-Y Datasheet HTML 7Page - STMicroelectronics STPSC12G065-Y Datasheet HTML 8Page - STMicroelectronics STPSC12G065-Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
1.1
Characteristics (curves)
Figure 2. Forward voltage drop versus forward current
(typical values)
0
4
8
12
16
20
24
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
IF(A)
VF(V)
Pulse test : tp=380 µs
Ta=25 °C
Ta=-55 °C
Ta=100 °C
Ta=150 °C
Ta=175 °C
Figure 3. Reverse leakage current versus reverse voltage
applied (typical values)
1.E-2
1.E-1
1.E+0
1.E+1
1.E+2
100
150
200
250
300
350
400
450
500
550
600
650
IR(µA)
VR(V)
Tj=25 °C
Tj=100 °C
Tj=150 °C
Tj=175 °C
Figure 4. Peak forward current versus case temperature
(fSW > 10 kHz)
0
20
40
60
80
100
0
25
50
75
100
125
150
175
IM(A)
TC(°C)
=0.1
=0.3
=0.5
=1
=0.7
Figure 5. Junction capacitance versus reverse voltage
applied (typical values)
0
100
200
300
400
500
600
700
800
0.1
1.0
10.0
100.0
1000.0
Cj (pF)
VR(V)
F=1 MHz
VOSC=30 mVRMS
Tj=25 °C
Figure 6. Relative variation of thermal impedance junction
to case versus pulse duration
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-5
1.E-4
1.E-3
1.E-2
1.E-1
1.E+0
Zth(j-c)/Rth(j-c)
tp(s)
Single pulse
Figure 7. Non-repetitive peak surge forward current
versus pulse duration (sinusoidal waveform)
1.E+1
1.E+2
1.E+3
1.E-5
1.E-4
1.E-3
1.E-2
IFSM(A)
tp(s)
Ta=25 °C
Ta=150 °C
STPSC12G065-Y
Characteristics
DS15043 - Rev 2
page 4/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com