Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPSC12G065DY Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPSC12G065DY
Description  Automotive 650 V, 12 A high surge silicon carbide power Schottky diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC12G065DY Datasheet(HTML) 1 Page - STMicroelectronics

  STPSC12G065DY Datasheet HTML 1Page - STMicroelectronics STPSC12G065DY Datasheet HTML 2Page - STMicroelectronics STPSC12G065DY Datasheet HTML 3Page - STMicroelectronics STPSC12G065DY Datasheet HTML 4Page - STMicroelectronics STPSC12G065DY Datasheet HTML 5Page - STMicroelectronics STPSC12G065DY Datasheet HTML 6Page - STMicroelectronics STPSC12G065DY Datasheet HTML 7Page - STMicroelectronics STPSC12G065DY Datasheet HTML 8Page - STMicroelectronics STPSC12G065DY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Features
•
AEC-Q101 qualified and PPAP capable
•
None or negligible reverse recovery charge in application current range
•
Switching behaviour independent of temperature
•
High forward surge capability
•
Operating Tj from -55 °C to +175 °C
•
ECOPACK2 compliant component
Applications
•
Solar inverter
•
Air conditioning equipment
•
UPS power supply
•
Telecom / Server power equipment
•
OBC (On board battery chargers)
•
EV Charging station
Description
The SiC diode STPSC12G065-Y, available in TO-220AC, is an ultrahigh performance
power Schottky rectifier. It is manufactured using a silicon carbide substrate. The
wide band-gap material allows the design of a low VF Schottky diode structure with a
650 V rating. Due to the Schottky construction, no recovery is shown at turn-off and
ringing patterns are negligible. The minimal capacitive turn-off behavior is
independent of temperature.
Based on latest technology optimization, this diode has an improved forward surge
current capability, making it ideal for use in PFC, where this ST SiC diode boosts the
performance in hard switching conditions. Using the latest design improvement of the
“G” series of ST SiC diodes, as well as implemented tests in production, this diode is
becoming the reference point in the combination of efficiency and application
robustness to the application design.
A
K
A
K
K
TO-220AC
Product label
Product status link
STPSC12G065-Y
Product summary
IF(AV)
12 A
VRRM
650 V
Tj (max.)
175 °C
VF (typ.)
1.30 V
Automotive 650 V, 12 A high surge silicon carbide power Schottky diode
STPSC12G065-Y
Datasheet
DS15043 - Rev 2 - October 2025
For further information, contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPSC12G065DY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC12G065D STMICROELECTRONICS-STPSC12G065D Datasheet
552Kb / 10P
650 V, 12 A high surge silicon carbide power Schottky diode
13-Oct-2025
More results

Similar Description - STPSC12G065DY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC6H065BY-TR STMICROELECTRONICS-STPSC6H065BY-TR Datasheet
234Kb / 9P
Automotive 650 V power Schottky silicon carbide diode
13-Mar-2018
STPSC10H065BY-TR STMICROELECTRONICS-STPSC10H065BY-TR Datasheet
236Kb / 9P
Automotive 650 V power Schottky silicon carbide diode
Rev 1 - March 2018
STPSC10065-Y STMICROELECTRONICS-STPSC10065-Y Datasheet
542Kb / 12P
Automotive 650 V power Schottky silicon carbide diode
09-Nov-2017
STPSC12065-Y STMICROELECTRONICS-STPSC12065-Y_V01 Datasheet
478Kb / 15P
Automotive 650 V, 12 A, silicon carbide power Schottky diode
December 2018
STPSC12065 STMICROELECTRONICS-STPSC12065 Datasheet
440Kb / 14P
650 V, 12 A power Schottky silicon carbide diode
25-Mar-2021
STPSC20H065CWLY STMICROELECTRONICS-STPSC20H065CWLY Datasheet
255Kb / 10P
Automotive 20 A 650 V power Schottky silicon carbide diode
13-Apr-2021
STPSC40065C-Y STMICROELECTRONICS-STPSC40065C-Y Datasheet
440Kb / 9P
Automotive 650 V power Schottky silicon carbide diode
May 2016 Rev 2
STPSC10H065G2 STMICROELECTRONICS-STPSC10H065G2 Datasheet
382Kb / 11P
650 V, 10 A high surge silicon carbide power Schottky diode
23-Mar-2021
STPSC2H065 STMICROELECTRONICS-STPSC2H065 Datasheet
236Kb / 10P
650 V, 2 A high surge silicon carbide power Schottky diode
25-Apr-2019
logo
ON Semiconductor
FFSB1265A ONSEMI-FFSB1265A_V01 Datasheet
293Kb / 6P
Silicon Carbide Schottky Diode 650 V, 12 A
November, 2021 - Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com