Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAP51 Datasheet(PDF) 9 Page - Zentrum Mikroelektronik Dresden AG

Part # SAP51
Description  Universal Actuator-Sensor Interface IC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

SAP51 Datasheet(HTML) 9 Page - Zentrum Mikroelektronik Dresden AG

Back Button SAP51 Datasheet HTML 5Page - Zentrum Mikroelektronik Dresden AG SAP51 Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG SAP51 Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG SAP51 Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG SAP51 Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG SAP51 Datasheet HTML 10Page - Zentrum Mikroelektronik Dresden AG SAP51 Datasheet HTML 11Page - Zentrum Mikroelektronik Dresden AG SAP51 Datasheet HTML 12Page - Zentrum Mikroelektronik Dresden AG SAP51 Datasheet HTML 13Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 62 page
background image
SAP5S / SAP51
Universal Actuator-Sensor Interface IC
Data Sheet
July 17, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 3.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
9 of 62
1
General Device Specification
1.1. Absolute Maximum Ratings (Non Operating)
Table 1: Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
Note
VLTGN
Voltage reference
0
0
V
VLTGP-LTGN
Voltage difference between LTGP and LTGN (VLTGP -
VLTGN)
0
40
V
1
VLTGP-LTGN_P Pulse voltage between LTGP and LTGN (VLTGP - VLTGN)
0
50
V
2
Vinputs1
Voltage at pin CDC, D0…D3, P0…P3, DSTBn, PSTBnBn,
LED1, LED2, PFAULT, UOUT
-0.3
V UOUT+ 0.3 V
Vinputs2
Voltage at pins OSC1, OSC2, U5R
-0.3
7
V
Iin
Input current into any pin except supply pins
-50
50
mA
4
H
Humidity non-condensing
5
VHBM
Electrostatic discharge – Human Body Model (HBM2)
1500
V
6
VEDM
Electrostatic discharge – Equipment Discharge Model
(EDM)
200
V
7
STG
Storage temperature
-55
125
°C
lead
Soldering temperature Sn/Pb
JEDEC-J-STD-020D
240
°C
lead
Soldering temperature 100%Sn
JEDEC-J-STD-020D
260
°C
Rthj-16
Thermal resistance of SOIC 16 package
80
100
K/W
8
Rthj-20
Thermal resistance of SOIC 20 package
75
95
K/W
8
1
reverse polarity protection has to be performed externally,
2
pulse with
 50µs, repetition rate  0.5 Hz
3
VLTGP-LTGN and VLTGP-LTGN_P must not be violated
4
Latch-up resistance, reference pin is 0V
5
Level 4 according to JEDEC-020D is guaranteed
6
HBM: C = 100pF charged to VHBM2 with resistor R = 1.5k in series, valid for all pins except LTGP-LTGN
7
EDM: C = 200pF charged to VEDM with no resistor in series, valid for LTGP-LTGN only
8
Single layer board, Ptot = 0.5W; air velocity = 0m/s  max. value; air velocity = 2.5m/s  min. value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com