Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD32F3 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GD32F3
Description  UM-1, UM-4, UM-5 Microprocessor Crystal
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GD32F3 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GD32F3 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Frequency Range
10.000MHz to 150.000MHz
Frequency Tolerance/Stability
A, B, C, D, E, F, G, H
See above for details!
Other Combinations Available. Contact Factory for Custom Specifications.
Operating Temperature Range
“C” Option, “E” Option, “F” Option
0°C to 70°C, -20°C to 70°C, -40°C to 85°C
Storage Temperature Range
-55°C to 125°C
Load Capacitance
“S” Option
“XX” Option
Series
8pF to 50pF
Insulation Resistance
500 Megaohms Minimum at 100Vdc
Drive Level
10.000 to 15.999MHz = 50uW Maximum
16.000 to 40.000MHz = 10uW Maximum
30.000 to 150.000MHz (3rd of 5th OT) = 100uW Maximum
ELECTRICAL SPECIFICATIONS
Revision: 1994-B
Aging @ 25°C
±1ppm / year Maximum, ±3ppm / year Maximum, ±5ppm / year Maximum
Shunt Capacitance
7pF Maximum
EQUIVALENT SERIES RESISTANCE (ESR)
Frequency (MHz)
ESR (ohms)
Frequency (MHz)
ESR (ohms)
10.000 to 15.999 (UM-1)
50 (fund)
10.000 to 15.999 (UM-4,5)
50 (fund)
16.000 to 40.000 (UM-1)
40 (fund)
16.000 to 40.000 (UM-4,5)
50 (fund)
30.000 to 90.000 (UM-1)
70 (3rd OT)
30.000 to 90.000 (UM-4,5)
80 (3rd OT)
70.000 to 150.000 (UM-1)
100 (5th OT)
70.000 to 150.000 (UM-4,5) 120 (5th OT)
PART NUMBERING GUIDE
Environmental/Mechanical Specifications on page F5
G A 32 C 3 - 65.000MHz - I
Package
G =UM-1 (8.1mm max. ht.)
H4=UM-4 (4.7mm max. ht.)
H5=UM-5 (6.0mm max. ht.)
Tolerance/Stability
Configuration Options
A=±50/100
I=Insulator Tab, TR=Tape and Reel (ammo for thru-hole), L=Third Lead
B=±30/50
V=Vinyl Sleeve, AT=Cut of Quartz
C=±15/30
SP=Spring Mount, G-Gull Wing, G1=Gull Wing/Metal Jacket
D=±15/50
Mode of Operation
E=±25/30
1=Fundamental
F=±25/50
3=Third Overtone, 5=Fifth Overtone
G=±10/30
Operating Temperature Range
H=±5/10 (0°C to 50°C)
C=0°C to 70°C
I = ±10/15
E=-20°C to 70°C
F=-40°C to 85°C
Load Capacitance
S=Series, XX=XXpF (Pico Farads)
G, H4, H5 Series
UM-1, UM-4, UM-5 Microprocessor Crystal
MECHANICAL DIMENSIONS
Marking Guide
TEL 949-366-8700
FAX 949-366-8707
WEB http://www.caliberelectronics.com
7.90
±0.20
“Y”
“X”
3.20 ±0.30
12.70
MIN
.35
±0.05
(X2)
All Dimensions in mm.
CAL I BER
Electr on ics In c.
Lead-Free
RoHS Compliant
Line 1:
Caliber
Line 2:
Part Number
Line 3:
Frequency
Line 4:
Date Code


Similar Part No. - GD32F3

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
GD32F3 CALIBER-GD32F3 Datasheet
51Kb / 1P
UM-1, UM-4, UM-5 Microprocessor Crystal
logo
GigaDevice Semiconducto...
GD32F303CCT6 GIGADEVICE-GD32F303CCT6 Datasheet
4Mb / 28P
MCU
GD32F303CET6 GIGADEVICE-GD32F303CET6 Datasheet
4Mb / 28P
MCU
GD32F303CGT6 GIGADEVICE-GD32F303CGT6 Datasheet
4Mb / 28P
MCU
GD32F303RCT6 GIGADEVICE-GD32F303RCT6 Datasheet
4Mb / 28P
MCU
More results

Similar Description - GD32F3

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXUM4 AXTAL-AXUM4 Datasheet
130Kb / 2P
Quartz Crystal Unit UM-4 low profile
2005-01-15
logo
MMD Components
USAA1 MMD-USAA1 Datasheet
55Kb / 1P
UM-1 Thru-Hole Crystal
logo
Caliber Electronics Inc...
GA32C1 CALIBER-GA32C1 Datasheet
51Kb / 1P
UM-1, UM-4, UM-5 Microprocessor Crystal
logo
EUROQUARTZ limited
UM1SMD EUROQUARTZ-UM1SMD Datasheet
151Kb / 1P
SMD form of UM-1 & UM-5 Crystals
logo
Crystek Corporation
CRMXX CRYSTEKCRYSTAL-CRMXX_15 Datasheet
82Kb / 1P
UM-1 Leaded Crystal
logo
ECS, Inc.
706-TFL-UM1 ECS-706-TFL-UM1 Datasheet
206Kb / 1P
UM-1 Base Insulator
logo
Fronter Electronics Co....
FT21M07A FRONTER-FT21M07A Datasheet
122Kb / 1P
UM-1, UM-5 DIP TYPE
FT21M07B FRONTER-FT21M07B Datasheet
119Kb / 1P
UM-1, UM-5 DIP TYPE 4POLES
logo
Transko Electronics, In...
UM-1-2POIE TRANSKO-UM-1-2POIE Datasheet
379Kb / 1P
MONOLITHIC CRYSTAL FILTER (UM-1, UM-5)
Rev. 1: Dec. 2014
UM-1-4POIE TRANSKO-UM-1-4POIE Datasheet
375Kb / 1P
MONOLITHIC CRYSTAL FILTER (UM-1, UM-5)
Rev. 1: Dec. 2014
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com