Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL081IP.A Datasheet(PDF) 3 Page - Texas Instruments

Part # TL081IP.A
Description  TL08xx FET-Input Operational Amplifiers
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL081IP.A Datasheet(HTML) 3 Page - Texas Instruments

  TL081IP.A Datasheet HTML 1Page - Texas Instruments TL081IP.A Datasheet HTML 2Page - Texas Instruments TL081IP.A Datasheet HTML 3Page - Texas Instruments TL081IP.A Datasheet HTML 4Page - Texas Instruments TL081IP.A Datasheet HTML 5Page - Texas Instruments TL081IP.A Datasheet HTML 6Page - Texas Instruments TL081IP.A Datasheet HTML 7Page - Texas Instruments TL081IP.A Datasheet HTML 8Page - Texas Instruments TL081IP.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 78 page
background image
4 Pin Configuration and Functions
1
2
3
5
4
OUT
VCC–
IN+
VCC+
IN–
Not to Scale
Figure 4-1. TL081H: DBV Package,
5-Pin SOT-23
(Top View)
1
2
3
5
4
IN+
VCC–
IN–
VCC+
OUT
Not to Scale
Figure 4-2. TL081H: DCK Package,
5-Pin SC70
(Top View)
1
NC
8
NC
2
IN–
7
VCC+
3
IN+
6
OUT
4
VCC–
5
NC
Not to scale
Figure 4-3. TL081x: D Package, 8-Pin SOIC,
P Package, 8-Pin PDIP
(Top View)
Table 4-1. Pin Functions: TL081x
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
D
DBV
DCK
P
NC
1
—
—
1
—
Do not connect
IN–
2
4
3
2
I
Inverting input
IN+
3
3
1
3
I
Non inverting input
VCC–
4
2
2
4
—
Power supply
NC
5
—
—
5
—
Do not connect
OUT
6
1
4
6
O
Output
VCC+
7
5
5
7
—
Power supply
NC
8
—
—
8
—
Do not connect
(1)
I = input, O = output.
www.ti.com
TL081, TL081A, TL081B, TL081H
TL082, TL082A, TL082B, TL082H
TL084, TL084A, TL084B, TL084H
SLOS081O – FEBRUARY 1977 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TL081 TL081A TL081B TL081H TL082 TL082A TL082B TL082H TL084 TL084A TL084B TL084H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com