Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC59282RGET Datasheet(PDF) 7 Page - Texas Instruments

Part # TLC59282RGET
Description  16-Channel, Constant-Current LED Driver with 4-Channel Grouped Delay
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC59282RGET Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC59282RGET Datasheet HTML 3Page - Texas Instruments TLC59282RGET Datasheet HTML 4Page - Texas Instruments TLC59282RGET Datasheet HTML 5Page - Texas Instruments TLC59282RGET Datasheet HTML 6Page - Texas Instruments TLC59282RGET Datasheet HTML 7Page - Texas Instruments TLC59282RGET Datasheet HTML 8Page - Texas Instruments TLC59282RGET Datasheet HTML 9Page - Texas Instruments TLC59282RGET Datasheet HTML 10Page - Texas Instruments TLC59282RGET Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
TLC59282
www.ti.com
SBVS152C
– DECEMBER 2010 – REVISED OCTOBER 2011
TERMINAL FUNCTIONS
TERMINAL
NAME
DBQ
RGE
I/O
DESCRIPTION
Serial data input for driver on/off control; Schmitt buffer input. When SIN is high, data
'1' are
SIN
2
23
I
written into the LSB of the 16-bit shift register at the SCLK rising edge.
Serial data shift clock; Schmitt buffer input. All data in the 16-bit shift register are shifted toward
SCLK
3
24
I
the MSB by 1-bit synchronization of SCLK.
Level triggered latch; Schmitt buffer input. The data in the 16-bit shift register continue to transfer
to the output on/off data latch while LAT is high. Therefore, if the data in the 16-bit shift register
LAT
4
1
I
are changed when LAT is high, the data in the data latch are also changed. The data in the data
latch are held when LAT is low. This pin is internally pulled down to GND with a 500 k
Ω (typ)
resistor.
Blank, all outputs; Schmitt buffer input. When BLANK is high, all constant-current outputs
(OUT0
–OUT15) are forced off. When BLANK is low, all constant-current outputs are controlled by
BLANK
21
18
I
the data in the output on/off data latch. This pin is internally pulled up to VCC with a 500 kΩ (typ)
resistor.
Constant-current value setting, OUT0
–OUT15 sink constant-current is set to desired value by
IREF
23
20
I/O
connection to an external resistor between IREF and GND.
Serial data output. This output is connected to the MSB of the 16-bit shift register. SOUT data
SOUT
22
19
O
changes at the rising edge of SCLK.
Constant-current output. Each output can be tied together with others to increase the
OUT0
5
2
O
constant-current. Different voltages can be applied to each output.
OUT1
6
3
O
Constant-current output
OUT2
7
4
O
Constant-current output
OUT3
8
5
O
Constant-current output
OUT4
9
6
O
Constant-current output
OUT5
10
7
O
Constant-current output
OUT6
11
8
O
Constant-current output
OUT7
12
9
O
Constant-current output
OUT8
13
10
O
Constant-current output
OUT9
14
11
O
Constant-current output
OUT10
15
12
O
Constant-current output
OUT11
16
13
O
Constant-current output
OUT12
17
14
O
Constant-current output
OUT13
18
15
O
Constant-current output
OUT14
19
16
O
Constant-current output
OUT15
20
17
O
Constant-current output
VCC
24
21
—
Power-supply voltage
GND
1
22
—
Power ground
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TLC59282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com