Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5948APWPR Datasheet(PDF) 30 Page - Texas Instruments

Part # TLC5948APWPR
Description  16-Channel, 16-Bit, ES-PWM, Full Self-Diagnosis LED Driver for 7-Bit DC and 7-Bit Global BC LED Lamp
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC5948APWPR Datasheet(HTML) 30 Page - Texas Instruments

Back Button TLC5948APWPR Datasheet HTML 26Page - Texas Instruments TLC5948APWPR Datasheet HTML 27Page - Texas Instruments TLC5948APWPR Datasheet HTML 28Page - Texas Instruments TLC5948APWPR Datasheet HTML 29Page - Texas Instruments TLC5948APWPR Datasheet HTML 30Page - Texas Instruments TLC5948APWPR Datasheet HTML 31Page - Texas Instruments TLC5948APWPR Datasheet HTML 32Page - Texas Instruments TLC5948APWPR Datasheet HTML 33Page - Texas Instruments TLC5948APWPR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 54 page
background image
TLC5948A
SBVS192A – MARCH 2012 – REVISED DECEMBER 2012
www.ti.com
Dot Correction (DC) Data
DC data are 112 bits long; the data for each constant-current output are controlled by seven bits. Each constant-
current output DC is controlled by the second control data latch. Each DC value individually adjusts the output
current for each constant-current output. As explained in the Dot Correction (DC) Function section, the DC
values are used to adjust the output current from 0% to 100% of the maximum value.
The DC data bit assignment in the first and second latches are shown in Table 8. Refer to Table 2 for a summary
of the DC data value versus set current value.
Table 8. Dot Correction Data Bit Description
CONTROLLED
CONTROLLED
BIT NUMBER
BIT NAME
CHANNEL
BIT NUMBER
BIT NAME
CHANNEL
6-0
DCOUT0
DC bits[6:0] for OUT0
62-56
DCOUT8
DC bits[6:0] for OUT8
13-7
DCOUT1
DC bits[6:0] for OUT1
69-63
DCOUT9
DC bits[6:0] for OUT9
20-14
DCOUT2
DC bits[6:0] for OUT2
76-70
DCOUT10
DC bits[6:0] for OUT10
27-21
DCOUT3
DC bits[6:0] for OUT3
83-77
DCOUT11
DC bits[6:0] for OUT11
34-28
DCOUT4
DC bits[6:0] for OUT4
90-84
DCOUT12
DC bits[6:0] for OUT12
41-35
DCOUT5
DC bits[6:0] for OUT5
97-91
DCOUT13
DC bits[6:0] for OUT13
48-42
DCOUT6
DC bits[6:0] for OUT6
104-98
DCOUT14
DC bits[6:0] for OUT14
55-49
DCOUT7
DC bits[6:0] for OUT7
111-105
DCOUT15
DC bits[6:0] for OUT15
Global Brightness Control (BC) Data
Global BC data are seven bits long. The global brightness for all outputs is controlled by the second control data
latch. The data are used to adjust the constant-current values for the 16 constant-current outputs. As explained
in the Global Brightness Control (BC) Function section, the BC values are used to adjust the output current from
25% to 100% of the maximum value. The global BC data bit assignment in the first and second latches is shown
in Table 9. Table 3 summarizes the BC data value versus set current value.
Table 9. Global Brightness Control Data Bit Assignment in the Cotrol Data Latch
BIT NUMBER
BIT NAME
CONTROLLED CHANNEL
118-112
BC
BC bits[6:0} for all channels (OUT0-OUT15)
30
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TLC5948A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com