Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5948APWPR.B Datasheet(PDF) 1 Page - Texas Instruments

Part # TLC5948APWPR.B
Description  16-Channel, 16-Bit, ES-PWM, Full Self-Diagnosis LED Driver for 7-Bit DC and 7-Bit Global BC LED Lamp
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC5948APWPR.B Datasheet(HTML) 1 Page - Texas Instruments

  TLC5948APWPR.B Datasheet HTML 1Page - Texas Instruments TLC5948APWPR.B Datasheet HTML 2Page - Texas Instruments TLC5948APWPR.B Datasheet HTML 3Page - Texas Instruments TLC5948APWPR.B Datasheet HTML 4Page - Texas Instruments TLC5948APWPR.B Datasheet HTML 5Page - Texas Instruments TLC5948APWPR.B Datasheet HTML 6Page - Texas Instruments TLC5948APWPR.B Datasheet HTML 7Page - Texas Instruments TLC5948APWPR.B Datasheet HTML 8Page - Texas Instruments TLC5948APWPR.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
¼
SIN
SCLK
LAT
GSCLK
SOUT
GND
VCC
Device 1
VCC
¼
¼
¼
SIN
SCLK
LAT
GSCLK
R
IREF
IREF
SOUT
Device n
OUT0
OUT15
DATA
SCLK
GSCLK
¼
R
IREF
IREF
Controller
GND
VCC
VCC
3
LAT
¼
¼
OUT0
OUT15
¼
DataRead
VLED
TLC5948A
www.ti.com
SBVS192A – MARCH 2012 – REVISED DECEMBER 2012
16-Channel, 16-Bit, ES-PWM, Full Self-Diagnosis LED Driver for
7-Bit DC and 7-Bit Global BC LED Lamp
Check for Samples: TLC5948A
1
FEATURES
23
•
16 Constant-Current Sink Output Channels
•
Current Reference Terminal Short Flag (ISF)
•
Sink Current Capability with Maximum DC and
•
Thermal Shutdown (TSD) and Error Flag (TEF)
BC Data:
•
Pre-Thermal Warning (PTW)
–
2 mA to 45 mA (VCC ≤ 3.6 V)
•
Four-Channel Grouped Delay Switching to
–
2 mA to 60 mA (VCC > 3.6 V)
Prevent Inrush Current
•
Dot Correction (DC):
•
Operating Temperature: –40°C to +85°C
–
7-Bit (128 Steps) with 0% to 100% Range
APPLICATIONS
•
Global Brightness Control (BC):
•
LED Video Displays
–
7-Bit (128 Steps) with 25% to 100% Range
•
LED Signboards
•
Grayscale Control (GS) with Enhanced
Spectrum or Conventional PWM:
DESCRIPTION
–
16-Bit (65,536 Steps)
The TLC5948A is a 16-channel, constant-current sink
•
LED Power-Supply Voltage: Up to 10 V
LED driver. Each channel has an individually-
•
VCC: 3.0 V to 5.5 V
adjustable, pulse width modulation (PWM) grayscale
(GS) brightness control with 65,536 steps and 128
•
Constant-Current Accuracy:
steps of constant-current dot correction (DC). DC
–
Channel-to-Channel: ±0.6% (typ), ±2% (max)
adjusts brightness deviation between channels. All
–
Device-to-Device: ±1% (typ), ±4% (max)
channels have a 128-step global brightness control
(BC). BC adjusts brightness deviation with other LED
•
Data Transfer Rate: 33 MHz
drivers. GS, DC, and BC data are accessible with a
•
Grayscale Control Clock: 33 MHz
serial interface port.
•
Auto Display Repeat and Auto Data Refresh
The TLC5948A has six error flags: LED open
•
Display Timing Reset
detection (LOD), LED short detection (LSD), output
•
Power-Save Mode to Minimize VCC Current
leakage detection (OLD), reference current terminal
short flag detection (ISF), pre-thermal warning (PTW),
•
LOD and LSD with Invisible Detection
and thermal error flag (TEF). The error detection
Mode (IDM)
results can be read with a serial interface port.
•
Output Leakage Detection (OLD)
Typical Application Circuit (Multiple Daisy-Chained TLC5948As)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLC5948APWPR.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5948APWPR TI1-TLC5948APWPR Datasheet
1Mb / 50P
16-Channel, 16-Bit, ES-PWM, Full Self-Diagnosis LED Driver
More results

Similar Description - TLC5948APWPR.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5943 TI-TLC5943 Datasheet
757Kb / 34P
16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC5948A TI1-TLC5948A Datasheet
1Mb / 50P
16-Channel, 16-Bit, ES-PWM, Full Self-Diagnosis LED Driver
TLC5949 TI-TLC5949 Datasheet
1Mb / 51P
16-Channel, 12-Bit, ES-PWM, Full Self-Diagnosis LED Driver for 7-Bit Global BC LED Lamp
TLC59291 TI1-TLC59291_15 Datasheet
800Kb / 45P
TLC59291 8/16-Channel, Constant Current LED Driver with 7-bit Brightness Control Low Quiescent Current and Full Self Diagnosis for LED Lamp
TLC59581 TI1-TLC59581 Datasheet
525Kb / 28P
48-Channel, 16-Bit ES-PWM LED Driver
TLC5929 TI1-TLC5929_16 Datasheet
1Mb / 43P
16-Channel, Constant-Current LED Driver with 7-Bit Global Brightness Control, Power-Save Mode, and Full Self-Diagnosis for LED Lamp
TLC5942 TI1-TLC5942_16 Datasheet
884Kb / 29P
16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5943 TI1-TLC5943_16 Datasheet
1Mb / 40P
16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC59482 TI1-TLC59482 Datasheet
1Mb / 34P
16-Channel, 16-Bit, PWM LED Driver with 6-Bit Global Brightness Control
TLC5943 TI1-TLC5943_17 Datasheet
1Mb / 40P
16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com