Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV07IDRG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # TLV07IDRG4
Description  TLV07 36-V Precision, Rail-to-Rail Output Operational Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV07IDRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV07IDRG4 Datasheet HTML 2Page - Texas Instruments TLV07IDRG4 Datasheet HTML 3Page - Texas Instruments TLV07IDRG4 Datasheet HTML 4Page - Texas Instruments TLV07IDRG4 Datasheet HTML 5Page - Texas Instruments TLV07IDRG4 Datasheet HTML 6Page - Texas Instruments TLV07IDRG4 Datasheet HTML 7Page - Texas Instruments TLV07IDRG4 Datasheet HTML 8Page - Texas Instruments TLV07IDRG4 Datasheet HTML 9Page - Texas Instruments TLV07IDRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
6
TLV07
SBOS832A – JULY 2017 – REVISED AUGUST 2017
www.ti.com
Product Folder Links: TLV07
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.6 Typical Characteristics
VS = ±18 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF, (unless otherwise noted)
Table 1. Characteristic Performance Measurements
DESCRIPTION
FIGURE
Offset Voltage Production Distribution
Figure 1
Offset Voltage Drift Distribution
Figure 2
Offset Voltage vs Temperature
Figure 3
Offset Voltage vs Common-Mode Voltage
Figure 4
Offset Voltage vs Power Supply
Figure 5
IB and IOS vs Common-Mode Voltage
Figure 6
Input Bias Current vs Temperature
Figure 7
Output Voltage Swing vs Output Current (Maximum Supply)
Figure 8
CMRR and PSRR vs Frequency (Referred-to-Input)
Figure 9
CMRR vs Temperature
Figure 10
PSRR vs Temperature
Figure 11
0.1-Hz to 10-Hz Noise
Figure 12
Input Voltage Noise Spectral Density vs Frequency
Figure 13
THD+N Ratio vs Frequency
Figure 14
THD+N vs Output Amplitude
Figure 15
Quiescent Current vs Temperature
Figure 16
Quiescent Current vs Supply Voltage
Figure 17
Open-Loop Gain and Phase vs Frequency
Figure 18
Closed-Loop Gain vs Frequency
Figure 19
Open-Loop Gain vs Temperature
Figure 20
Open-Loop Output Impedance vs Frequency
Figure 21
No Phase Reversal
Figure 22
Positive Overload Recovery
Figure 23
Negative Overload Recovery
Figure 24
Small-Signal Step Response
Figure 25, Figure 26
Large-Signal Step Response
Figure 27, Figure 28
Large-Signal Settling Time
Figure 29
Short-Circuit Current vs Temperature
Figure 30
Maximum Output Voltage vs Frequency
Figure 31
EMIRR IN+ vs Frequency
Figure 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com