Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2264CPWR Datasheet(PDF) 57 Page - Texas Instruments

Part # TLC2264CPWR
Description  Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC2264CPWR Datasheet(HTML) 57 Page - Texas Instruments

Back Button TLC2264CPWR Datasheet HTML 53Page - Texas Instruments TLC2264CPWR Datasheet HTML 54Page - Texas Instruments TLC2264CPWR Datasheet HTML 55Page - Texas Instruments TLC2264CPWR Datasheet HTML 56Page - Texas Instruments TLC2264CPWR Datasheet HTML 57Page - Texas Instruments TLC2264CPWR Datasheet HTML 58Page - Texas Instruments TLC2264CPWR Datasheet HTML 59Page - Texas Instruments TLC2264CPWR Datasheet HTML 60Page - Texas Instruments TLC2264CPWR Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 80 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
9-Oct-2025
TUBE
L - Tube length
T - Tube
height
W - Tube
width
B - Alignment groove width
*All dimensions are nominal
Device
Package Name
Package Type
Pins
SPQ
L (mm)
W (mm)
T (µm)
B (mm)
5962-9469201QHA
U
CFP
10
25
506.98
26.16
6220
NA
5962-9469204Q2A
FK
LCCC
20
55
506.98
12.06
2030
NA
TLC2262AID
D
SOIC
8
75
507
8
3940
4.32
TLC2262AID
D
SOIC
8
75
505.46
6.76
3810
4
TLC2262AID.A
D
SOIC
8
75
505.46
6.76
3810
4
TLC2262AID.A
D
SOIC
8
75
507
8
3940
4.32
TLC2262AIP
P
PDIP
8
50
506
13.97
11230
4.32
TLC2262AIP.A
P
PDIP
8
50
506
13.97
11230
4.32
TLC2262CD
D
SOIC
8
75
507
8
3940
4.32
TLC2262CD.A
D
SOIC
8
75
507
8
3940
4.32
TLC2262CP
P
PDIP
8
50
506
13.97
11230
4.32
TLC2262CP.A
P
PDIP
8
50
506
13.97
11230
4.32
TLC2262ID
D
SOIC
8
75
507
8
3940
4.32
TLC2262ID.A
D
SOIC
8
75
507
8
3940
4.32
TLC2262IP
P
PDIP
8
50
506
13.97
11230
4.32
TLC2262IP.A
P
PDIP
8
50
506
13.97
11230
4.32
TLC2262MUB
U
CFP
10
25
506.98
26.16
6220
NA
TLC2262MUB.A
U
CFP
10
25
506.98
26.16
6220
NA
TLC2264AID
D
SOIC
14
50
507
8
3940
4.32
TLC2264AID
D
SOIC
14
50
505.46
6.76
3810
4
TLC2264AID.B
D
SOIC
14
50
505.46
6.76
3810
4
TLC2264AID.B
D
SOIC
14
50
507
8
3940
4.32
TLC2264AIN
N
PDIP
14
25
506
13.97
11230
4.32
TLC2264AIN.A
N
PDIP
14
25
506
13.97
11230
4.32
TLC2264AMFKB
FK
LCCC
20
55
506.98
12.06
2030
NA
TLC2264AMFKB.A
FK
LCCC
20
55
506.98
12.06
2030
NA
TLC2264AQD
D
SOIC
14
50
507
8
3940
4.32
TLC2264AQD.A
D
SOIC
14
50
507
8
3940
4.32
TLC2264AQD.B
D
SOIC
14
50
507
8
3940
4.32
Pack Materials-Page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com