Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2170IDRG4 Datasheet(PDF) 21 Page - Texas Instruments

Part # TLV2170IDRG4
Description  TLVx170 36-V, Single-Supply, EMI-Hardened, Low-Power Operational Amplifiers for Cost-Sensitive Systems
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV2170IDRG4 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV2170IDRG4 Datasheet HTML 17Page - Texas Instruments TLV2170IDRG4 Datasheet HTML 18Page - Texas Instruments TLV2170IDRG4 Datasheet HTML 19Page - Texas Instruments TLV2170IDRG4 Datasheet HTML 20Page - Texas Instruments TLV2170IDRG4 Datasheet HTML 21Page - Texas Instruments TLV2170IDRG4 Datasheet HTML 22Page - Texas Instruments TLV2170IDRG4 Datasheet HTML 23Page - Texas Instruments TLV2170IDRG4 Datasheet HTML 24Page - Texas Instruments TLV2170IDRG4 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
LOAD
ISO
o
ISO
LOAD
1 + C
× R
× s
T(s) =
1 + R + R
× C
× s
CLOAD
+
±
VIN
VOUT
+VS
RISO
-VS
Copyright © 2016, Texas Instruments Incorporated
21
TLV170, TLV2170, TLV4170
www.ti.com
SBOS782A – NOVEMBER 2016 – REVISED MAY 2018
Product Folder Links: TLV170 TLV2170 TLV4170
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The TLVx170 family of op amps provides high overall performance in a large number of general-purpose
applications. As with all amplifiers, applications with noisy or high-impedance power supplies require decoupling
capacitors placed close to the device pins. In most cases, 0.1-µF capacitors are adequate. Follow the additional
recommendations in the Layout Guidelines section in order to achieve the maximum performance from this
device. Many applications can introduce capacitive loading to the output of the amplifier (potentially causing
instability). One method of stabilizing the amplifier in such applications is to add an isolation resistor between the
amplifier output and the capacitive load. The design process for selecting this resistor is given in the Typical
Application section.
8.2 Typical Application
This circuit can be used to drive capacitive loads (such as cable shields, reference buffers, MOSFET gates, and
diodes). The circuit uses an isolation resistor (RISO) to stabilize the output of an op amp. RISO modifies the open-
loop gain of the system to ensure the circuit has sufficient phase margin.
Figure 30. Unity-Gain Buffer With RISO Stability Compensation
8.2.1 Design Requirements
The design requirements are:
•
Supply voltage: 30 V (±15 V)
•
Capacitive loads: 100 pF, 1000 pF, 0.01 μF, 0.1 μF, and 1 μF
•
Phase margin: 45° and 60°
8.2.2 Detailed Design Procedure
Figure 30 shows a unity-gain buffer driving a capacitive load. Equation 1 shows the transfer function for the
circuit in Figure 30. Not shown in Figure 30 is the open-loop output resistance of the op amp, Ro.
(1)
The transfer function in Equation 1 has a pole and a zero. The frequency of the pole (fp) is determined by (Ro +
RISO) and CLOAD. Components RISO and CLOAD determine the frequency of the zero (fz). A stable system is
obtained by selecting RISO such that the rate of closure (ROC) between the open-loop gain (AOL) and 1/β is
20 dB per decade; see Figure 31. The 1/β curve for a unity-gain buffer is 0 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com