Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV4171IPWR Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV4171IPWR
Description  TLVx171 36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV4171IPWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV4171IPWR Datasheet HTML 4Page - Texas Instruments TLV4171IPWR Datasheet HTML 5Page - Texas Instruments TLV4171IPWR Datasheet HTML 6Page - Texas Instruments TLV4171IPWR Datasheet HTML 7Page - Texas Instruments TLV4171IPWR Datasheet HTML 8Page - Texas Instruments TLV4171IPWR Datasheet HTML 9Page - Texas Instruments TLV4171IPWR Datasheet HTML 10Page - Texas Instruments TLV4171IPWR Datasheet HTML 11Page - Texas Instruments TLV4171IPWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
8
TLV171, TLV2171, TLV4171
SBOS783 – SEPTEMBER 2016
www.ti.com
Product Folder Links: TLV171 TLV2171 TLV4171
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
at TA = 25°C, VCM = VOUT = VS / 2, and RL = 10 kΩ connected to VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
VO
Voltage output swing
Positive rail, VS = ±18 V, RL = 10 kΩ,
TA = 25°C
160
mV
Negative rail, VS = ±18 V, RL = 10 kΩ,
TA = 25°C
90
mV
RL = 10 kΩ, AOL ≥ 94 dB,
TA = –40°C to +125°C
(V–) + 0.35
(V+) – 0.35
V
ISC
Short-circuit current
25
mA
–35
CLOAD
Capacitive load drive
See Typical Characteristics
pF
RO
Open-loop output resistance
f = 1 MHz, IO = 0 A
150
Ω
POWER SUPPLY
VS
Specified voltage range
2.7
36
V
IQ
Quiescent current per amplifier
IO = 0 A, TA = –40°C to +125°C
525
695
µA
TEMPERATURE
Specified range
–40
125
°C
Operating range
–55
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com