Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV709A01DBVR Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV709A01DBVR
Description  TLV709 150mA, 30V, 3.2μA Quiescent Current, Low-Dropout Linear Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV709A01DBVR Datasheet(HTML) 4 Page - Texas Instruments

  TLV709A01DBVR Datasheet HTML 1Page - Texas Instruments TLV709A01DBVR Datasheet HTML 2Page - Texas Instruments TLV709A01DBVR Datasheet HTML 3Page - Texas Instruments TLV709A01DBVR Datasheet HTML 4Page - Texas Instruments TLV709A01DBVR Datasheet HTML 5Page - Texas Instruments TLV709A01DBVR Datasheet HTML 6Page - Texas Instruments TLV709A01DBVR Datasheet HTML 7Page - Texas Instruments TLV709A01DBVR Datasheet HTML 8Page - Texas Instruments TLV709A01DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating temperature range (unless otherwise noted)(1) (2)
MIN
MAX
UNIT
Voltage
VIN
–0.3
30
V
VOUT (for fixed device only)
–0.3
2 × VOUT(typ)
or VIN + 0.3
or 5.5
(whichever is
lower)
VOUT (for adjustable device only)
–0.3
VIN + 0.3
VFB
–0.3
2.4
Current
Peak output current
Internally limited
Temperature
Junction, TJ
–40
150
°C
Storage, Tstg
–65
150
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
All voltage values are with respect to the ground terminal.
5.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
V
Charged device model (CDM), per JEDEC specification JESD22-C101, all pins(2)
±500
(1)
JEDEC document JEP155 states that 500V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250V CDM allows safe manufacturing with a standard ESD control process.
5.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)(1)
MIN
NOM
MAX
UNIT
VIN
Input supply voltage
2.5
30
V
VOUT
Output voltage (for adjustable device only)
1.205
28
Output voltage (for fixed device only)
1.205
5.0
IOUT
Output current
0
150
mA
CIN
Input capacitor(2)
0.47
µF
COUT
Output capacitor(3)
1
TJ
Operating junction temperature
–40
125
°C
(1)
All voltages are with respect to GND.
(2)
An input capacitor is not required for LDO stability. However, an input capacitance with an effective value of 0.1μF minimum is
recommended to counteract the effect of source resistance and inductance, which may in some cases cause symptoms of systemlevel
instability such as ringing or oscillation, especially in the presence of load transients.
(3)
All capacitor values listed are the nominal value and the effective capacitance is assumed to derate to 50% of the nominal capacitor
value.
TLV709
SLVSGU2F – FEBRUARY 2023 – REVISED AUGUST 2025
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TLV709



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com