Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV73318PDBVT Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV73318PDBVT
Description  TLV733P Capacitor-Free, 300-mA, Low-Dropout Regulator in 1-mm × 1-mm X2SON Package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV73318PDBVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV73318PDBVT Datasheet HTML 4Page - Texas Instruments TLV73318PDBVT Datasheet HTML 5Page - Texas Instruments TLV73318PDBVT Datasheet HTML 6Page - Texas Instruments TLV73318PDBVT Datasheet HTML 7Page - Texas Instruments TLV73318PDBVT Datasheet HTML 8Page - Texas Instruments TLV73318PDBVT Datasheet HTML 9Page - Texas Instruments TLV73318PDBVT Datasheet HTML 10Page - Texas Instruments TLV73318PDBVT Datasheet HTML 11Page - Texas Instruments TLV73318PDBVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
Current (mA)
0
30
60
90
120
150
180
210
240
270
300
0
50
100
150
200
250
300
D009
TJ = -40 qC
TJ = 0 qC
TJ = 25 qC
TJ = 85 qC
TJ = 125 qC
Current (mA)
0
30
60
90
120
150
180
210
240
270
300
0
50
100
150
200
250
300
D011
TJ = -40 qC
TJ = 0 qC
TJ = 25 qC
TJ = 85 qC
TJ = 125 qC
Current (mA)
0
30
60
90
120
150
180
210
240
270
300
0
25
50
75
100
125
150
175
200
225
250
275
D008
TJ = -40 qC
TJ = 0 qC
TJ = 25 qC
TJ = 85 qC
TJ = 125 qC
Current (mA)
0
30
60
90
120
150
180
210
240
270
300
0
50
100
150
200
250
300
D010
TJ = -40 qC
TJ = 0 qC
TJ = 25 qC
TJ = 85 qC
TJ = 125 qC
Current (mA)
0
30
60
90
120
150
180
210
240
270
300
50
100
150
200
250
300
350
400
D024
TJ = -40 qC
TJ = 0 qC
TJ = 25 qC
TJ = 85 qC
TJ = 125 qC
Current (mA)
0
30
60
90
120
150
180
210
240
270
300
60
90
120
150
180
210
240
270
300
330
360
390
D025
TJ = -40 qC
TJ = 0 qC
TJ = 25 qC
TJ = 85 qC
TJ = 125 qC
8
TLV733P
SBVS235C – OCTOBER 2014 – REVISED JULY 2019
www.ti.com
Product Folder Links: TLV733P
Submit Documentation Feedback
Copyright © 2014–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
at operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(nom) + 0.5 V or 2.0 V (whichever is greater), IOUT = 1 mA,
VEN = VIN, and CIN = COUT = 1 µF (unless otherwise noted)
TLV73312PDBV
Figure 7. 1.2-V Dropout Voltage vs IOUT and Temperature
TLV73312PDQN
Figure 8. 1.2-V Dropout Voltage vs IOUT and Temperature
TLV73318PDBV
Figure 9. 1.8-V Dropout Voltage vs IOUT and Temperature
TLV73318PDQN
Figure 10. 1.8-V Dropout Voltage vs IOUT and Temperature
TLV73333PDBV
Figure 11. 3.3-V Dropout Voltage vs IOUT and Temperature
TLV73333PDQN
Figure 12. 3.3-V Dropout Voltage vs IOUT and Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com