Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV74333PDBVR Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV74333PDBVR
Description  TLV743P 300-mA, Low-Dropout Regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV74333PDBVR Datasheet(HTML) 4 Page - Texas Instruments

  TLV74333PDBVR Datasheet HTML 1Page - Texas Instruments TLV74333PDBVR Datasheet HTML 2Page - Texas Instruments TLV74333PDBVR Datasheet HTML 3Page - Texas Instruments TLV74333PDBVR Datasheet HTML 4Page - Texas Instruments TLV74333PDBVR Datasheet HTML 5Page - Texas Instruments TLV74333PDBVR Datasheet HTML 6Page - Texas Instruments TLV74333PDBVR Datasheet HTML 7Page - Texas Instruments TLV74333PDBVR Datasheet HTML 8Page - Texas Instruments TLV74333PDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
1
OUT
2
GND
Thermal Pad
3
EN
4
IN
Not to scale
1
IN
2
GND
3
EN
4
NC
5
OUT
Not to scale
4
TLV743P
SBVS310C – JULY 2017 – REVISED JUNE 2019
www.ti.com
Product Folder Links: TLV743P
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
5 Pin Configuration and Functions
DBV Package
5-Pin SOT-23
Top View
DQN Package
4-Pin X2SON With Exposed Thermal Pad
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
SOT-23
X2SON
EN
3
3
I
Enable pin. Drive EN greater than VEN(LO) to turn on the regulator.
Drive EN less than VEN(LO) to put the LDO into shutdown mode.
GND
2
2
—
Ground pin
IN
1
4
I
Input pin. A small capacitor is recommended from this pin to ground.
See Input and Output Capacitor Selection for more details.
NC
4
—
No internal connection
OUT
5
1
O
Regulated output voltage pin. For best transient response, use a small 1-μF ceramic
capacitor from this pin to ground.
See Input and Output Capacitor Selection for more details.
Thermal pad
—
Thermal pad
—
The thermal pad is electrically connected to the GND node.
Connect to the GND plane for improved thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com