Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV73328PDBVT Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV73328PDBVT
Description  TLV733P Capacitor-Free, 300-mA, Low-Dropout Regulator in 1-mm × 1-mm X2SON Package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV73328PDBVT Datasheet(HTML) 5 Page - Texas Instruments

  TLV73328PDBVT Datasheet HTML 1Page - Texas Instruments TLV73328PDBVT Datasheet HTML 2Page - Texas Instruments TLV73328PDBVT Datasheet HTML 3Page - Texas Instruments TLV73328PDBVT Datasheet HTML 4Page - Texas Instruments TLV73328PDBVT Datasheet HTML 5Page - Texas Instruments TLV73328PDBVT Datasheet HTML 6Page - Texas Instruments TLV73328PDBVT Datasheet HTML 7Page - Texas Instruments TLV73328PDBVT Datasheet HTML 8Page - Texas Instruments TLV73328PDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
5
TLV733P
www.ti.com
SBVS235C – OCTOBER 2014 – REVISED JULY 2019
Product Folder Links: TLV733P
Submit Documentation Feedback
Copyright © 2014–2019, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
over operating junction temperature range (unless otherwise noted); all voltages are with respect to GND
(1)
MIN
MAX
UNIT
Voltage
VIN
–0.3
6.0
V
VEN
–0.3
VIN + 0.3
VOUT
–0.3
3.6
Current
IOUT
Internally limited
A
Output short-circuit duration
Indefinite
Temperature
Operating junction, TJ
–40
150
°C
Storage, Tstg
–65
160
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
6.3 Recommended Operating Conditions
over operating junction temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Input range, VIN
1.4
5.5
V
Output range, VOUT
1.0
3.3
V
Output current, IOUT
0
300
mA
Enable range, VEN
0
VIN
V
Junction temperature, TJ
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
TLV733P
UNIT
DQN (X2SON)
DBV (SOT-23)
4 PINS
5 PINS
RθJA
Junction-to-ambient thermal resistance
218.6
228.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
164.8
151.5
°C/W
RθJB
Junction-to-board thermal resistance
164.9
55.8
°C/W
ψJT
Junction-to-top characterization parameter
5.6
31.4
°C/W
ψJB
Junction-to-board characterization parameter
163.9
54.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
131.4
N/A
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com