Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RXQ1 Datasheet(PDF) 5 Page - rfsolutions.ltd

Part # RXQ1
Description  FM NARROW BAND TRANSCEIVERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

RXQ1 Datasheet(HTML) 5 Page - rfsolutions.ltd

  RXQ1 Datasheet HTML 1Page - rfsolutions.ltd RXQ1 Datasheet HTML 2Page - rfsolutions.ltd RXQ1 Datasheet HTML 3Page - rfsolutions.ltd RXQ1 Datasheet HTML 4Page - rfsolutions.ltd RXQ1 Datasheet HTML 5Page - rfsolutions.ltd RXQ1 Datasheet HTML 6Page - rfsolutions.ltd RXQ1 Datasheet HTML 7Page - rfsolutions.ltd RXQ1 Datasheet HTML 8Page - rfsolutions.ltd RXQ1 Datasheet HTML 9Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DS0353-9 March ‘05
©2005 Reg. No. 227 4001, ENGLAND
Page 5
TRXQ1
RXQ1
FM NARROW BAND TRANSCEIVERS
TRXQ1 Pinout Detail
RF Gnd. 1
Antenna 2
Channel Select 3
10 Vcc Digital
11 \RTS
12 Mode
13 TX Data
14 Rx Data
15 Host Baud
16 RF Baud
17 Dig. Gnd.
18 Vcc RF
Top View
TRXQ1
Intelligent FM Transceiver
IN #1 4
IN #2 5
OUT #1 6
OUT #2 7
LRN/LED
8
\CTS
9
30.48
Pin Descriptions
Pin
Number
Name
Type
Description
1
RF GND
Power
For best results, this pin should be connected to the ground plane
against which the antenna radiates.
2
Antenna
In / Out
Nominal 50 ohm input/output impedance capacitively isolated from
the internal circuit.
3
CS
In
Channel select option.
Logic 0 selects 433.92MHz
Logic 1 selects 434.33MHz
4
IN #1
In
Logic input #1
5
IN #2
In
Logic input #2
6
OUT #1
Out
Logic output #1
7
OUT #2
Out
Logic output #2
8
LRN/LED
In/Out
Learn switch and status LED.
9
\CTS (loop)
Out
Logic ‘0’ is Clear To Send.
Connect to 0 volts via 2.2K to enable loop mode.
10
Dig Vcc
Power
Positive supply voltage connection.
11
\RTS
In
Logic ‘0’ is Request To Send.
12
MODE
In
Mode select option.
Logic ‘1’ or open selects addressed mode.
Logic ‘0’ selects broadcast mode.
13
TxData
In
Serial async. data input from the host.
14
RxData
Out
Serial async. data output to the host.
15
Host Baud
In
Host baud rate selection option.
Logic ‘1’ or open selects 9600 bauds.
Logic ‘0’ selects 19200 bauds.
16
RF Baud
In
RF baud rate (element time) select option.
Logic ‘1’ or open selects 400 us element time.
Logic ‘0’ selects 200 us element time.
17
GND
Power
0 volts.
18
VccRF
Power
RF supply voltage connection. Level to be as Vcc Digital on pin 10
Decouple with a 100n capacitor close to the module supply pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com