Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D35529913 Datasheet(PDF) 1 Page - Glamox

Part # D35529913
Description  D35-S180 LED 1000 DALI840 OP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLAMOX [Glamox]
Direct Link  https://www.glamox.com/
Logo GLAMOX - Glamox

D35529913 Datasheet(HTML) 1 Page - Glamox

  D35529913 Datasheet HTML 1Page - Glamox D35529913 Datasheet HTML 2Page - Glamox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10/2/2025
The Company reserves the right to change any product specifications without prior notification.
1/2
D35-S180 LED 1000 DALI
840 OP
Glamox D35 is a family with a compact design, and
available in three sizes. Injected moulded fire resistant
plastic material V1 in white finish RAL9016. Integrated
aluminium heat sink.
Item No.
D35529913
GTIN
4741145299138
Stock status code
C
Technical specifications
Mounting
Product Mounting
Ceiling surface
General
Product shape
Round
LMS System
Number of DALI addresses
1
LMS Protocol
DALI
Electrical Data
Leakage Current (mA)
0.34
Main Feed AC (V) Min
220
Main Feed AC (V) Max
240
Main Feed Frequency Min
50
Main Feed Frequency Max
60
Main Feed DC (V) Min
180
Main Feed DC (V) Max
270
Total Consumption (W)
10
Number Of Luminaire MCB 10B
45
Number Of Luminaire MCB 10C
50
Number Of Luminaire MCB 16B
80
Number Of Luminaire MCB 16C
136
Optic
Optic description
Opal diffuser in acrylic
Optic Name
OP - Opal diffuser in acrylic
UGR (70/50/20 & 4H-8H crosswise)
28
Diffuser Material
Acrylic
Diffuser Material Design
Opal
Optic main category
Diffuser
Technical Data
Minimum TA (ºC)
-20
Maximum TA (ºC)
45
IP classification
40
Light Technical Data
Light source
LED
Lumen Out (lm)
1054
Lumen Per Watt (lm/W)
112
Lamp colour temp (K)
4000
Colour Rendering Index
>80
Light Distribution Down %
100
MacAdam step
3
Energy Class Light Source
C
Minimum Dim Level (%)
1
Driver / Ballast
Type of LED Driver
DALI: Dimming
Number of Driver
1
Lifetime
LED Lifetime L70B50 Ta25 (h)
80 000
Luminous flux decline (LLMF) 50.000h Ta25
0.80
Housing
Body Material
ABS plastic
Body Colour
WH - White
Main Body Colour Name
White
Dimensions
Height (mm)
54
Diameter (mm)
180
Item Net Weight (kg)
0.7176
Termination
Termination
5x2x2.5mm2 Push In
Logistic Data
Item Gross Weight (kg)
0.78


Similar Part No. - D35529913

ManufacturerPart #DatasheetDescription
logo
Glamox
D35529910 GLAMOX-D35529910 Datasheet
263Kb / 2P
D35-S230 LED 1400 DALI840 OP
D35529914 GLAMOX-D35529914 Datasheet
258Kb / 2P
D35-S230 LED 1400 HF 840OP
D35529915 GLAMOX-D35529915 Datasheet
271Kb / 2P
D35-S280 LED 1800 DALI840 OP
More results

Similar Description - D35529913

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPF372A OPTEK-OPF372A Datasheet
3Mb / 2P
Fi ber Op tic GaA lAs LED
August 1996
OPF396 OPTEK-OPF396 Datasheet
3Mb / 2P
Fi ber Op tic GaA lAs High Speed LED
Aug-1996
OPF370A OPTEK-OPF370A Datasheet
3Mb / 2P
Fi ber Op tic GaA lAs LED
logo
Molex Electronics Ltd.
0857801005 MOLEX9-0857801005 Datasheet
312Kb / 4P
HyperJack 1000 2x6 Modular Jack LED NonPOE
logo
SL Power Electronics
D35_DD SLPOWER-D35_DD Datasheet
17Kb / 2P
D35 Euro Wall Mount 1-3 Watts Series
logo
API Technologies Corp
8328 APITECH-8328 Datasheet
642Kb / 1P
1000 Base-TX 4 Ports with LED
logo
PHOENIX CONTACT
1536586 PHOENIX-1536586 Datasheet
59Kb / 3P
Sensor/Actuator cable - SAC-3P-M12MS/0,6-PUR/B-1L-S180
1699986 PHOENIX-1699986 Datasheet
50Kb / 3P
Sensor/Actuator cable - SAC-3P-10,0-PUR/B-1L-S180
1413989 PHOENIX-1413989 Datasheet
259Kb / 3P
Panel mounting frames - CUC-V14-A1ZNI-S180
logo
VITALCONN ELECTRONICS H...
J24UG17R3D401 VITALCONN-J24UG17R3D401 Datasheet
541Kb / 4P
2X4 1000 BASE-T RJ45 WITH LED
REV: A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com