| Electronic Components Datasheet Search |
|
TLV70233PDBVT Datasheet(PDF) 4 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLV70233PDBVT Datasheet(HTML) 4 Page - Texas Instruments |
|
4 / 37 page ![]() 4 TLV702 SLVSAG6D – SEPTEMBER 2010 – REVISED JULY 2019 www.ti.com Product Folder Links: TLV702 Submit Documentation Feedback Copyright © 2010–2019, Texas Instruments Incorporated (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods my affect device reliability. (2) All voltages are with respect to network ground terminal. (3) The absolute maximum rating is VIN + 0.3 V or 6.0 V, whichever is smaller. 6 Specifications 6.1 Absolute Maximum Ratings over operating junction temperature range (unless otherwise noted) (1) MIN MAX UNIT Voltage(2) IN –0.3 6 V EN –0.3 6(3) OUT –0.3 6 Current (source) OUT Internally limited Output short-circuit duration Indefinite Total continuous power dissipation See Thermal Information Temperature Operating virtual junction, TJ –55 150 °C Storage, Tstg –55 150 (1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. (2) JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. 6.2 ESD Ratings VALUE UNIT V(ESD) Electrostatic discharge Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1) ±2000 V Charged device model (CDM), per JEDEC specification JESD22-C101, all pins(2) ±500 6.3 Recommended Operating Conditions over operating free-air temperature range (unless otherwise noted). MIN NOM MAX UNIT VIN Input voltage 2 5.5 V VOUT Output voltage 1.2 4.8 V IOUT Output current 0 300 mA (1) For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application report. 6.4 Thermal Information THERMAL METRIC(1) TLV702 UNIT DBV (SOT-23) DSE (WSON) 5 PINS 6 PINS RθJA Junction-to-ambient thermal resistance 249.2 321.3 °C/W RθJC(top) Junction-to-case (top) thermal resistance 136.4 207.9 °C/W RθJB Junction-to-board thermal resistance 85.9 281.5 °C/W ψJT Junction-to-top characterization parameter 19.5 42.4 °C/W ψJB Junction-to-board characterization parameter 85.3 284.8 °C/W RθJC(bot) Junction-to-case (bottom) thermal resistance N/A 142.3 °C/W |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |