Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV73333PDBVR Datasheet(PDF) 21 Page - Texas Instruments

Part # TLV73333PDBVR
Description  TLV733P Capacitor-Free, 300-mA, Low-Dropout Regulator in 1-mm × 1-mm X2SON Package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV73333PDBVR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV73333PDBVR Datasheet HTML 17Page - Texas Instruments TLV73333PDBVR Datasheet HTML 18Page - Texas Instruments TLV73333PDBVR Datasheet HTML 19Page - Texas Instruments TLV73333PDBVR Datasheet HTML 20Page - Texas Instruments TLV73333PDBVR Datasheet HTML 21Page - Texas Instruments TLV73333PDBVR Datasheet HTML 22Page - Texas Instruments TLV73333PDBVR Datasheet HTML 23Page - Texas Instruments TLV73333PDBVR Datasheet HTML 24Page - Texas Instruments TLV73333PDBVR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
21
TLV733P
www.ti.com
SBVS235C – OCTOBER 2014 – REVISED JULY 2019
Product Folder Links: TLV733P
Submit Documentation Feedback
Copyright © 2014–2019, Texas Instruments Incorporated
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or visit the
device product folder on www.ti.com.
(2)
Output voltages from 1.0 V to 3.3 V in 50-mV increments are available. Contact the factory for details and availability.
11 Device and Documentation Support
11.1 Device Support
11.1.1 Development Support
11.1.1.1 Evaluation Module
An evaluation module (EVM) is available to assist in the initial circuit performance evaluation using the TLV733.
The TLV73312PEVM-643 evaluation module (and related user guide) can be requested at the Texas Instruments
website through the product folders or purchased directly from the TI eStore.
11.1.2 Device Nomenclature
Table 4. Device Nomenclature(1)(2)
PRODUCT
VOUT
TLV733xx(x)Pyyyz(3)
xx(x) is the nominal output voltage. For output voltages with a resolution of 100 mV, two digits are used
in the ordering number; otherwise, three digits are used (for example, 28 = 2.8 V; 125 = 1.25 V).
P indicates an active output discharge feature. All members of the TLV733 family will actively discharge
the output when the device is disabled.
yyy is the package designator.
z is the package quantity. R is for reel (3000 pieces), T is for tape (250 pieces).
(3) indicates an alternative tape and reel orientation. 3 indicates that pin 1 is in quadrant 3. See the
Package Materials Information addendum for more information.
11.2 Documentation Support
11.2.1 Related Documentation
Texas Instruments, TLV73312PDQN-643 Evaluation Module user guide
11.3 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. In the upper
right corner, click on Alert me to register and receive a weekly digest of any product information that has
changed. For change details, review the revision history included in any revised document.
11.4 Community Resources
The following links connect to TI community resources. Linked contents are provided "AS IS" by the respective
contributors. They do not constitute TI specifications and do not necessarily reflect TI's views; see TI's Terms of
Use.
TI E2E™ Online Community TI's Engineer-to-Engineer (E2E) Community. Created to foster collaboration
among engineers. At e2e.ti.com, you can ask questions, share knowledge, explore ideas and help
solve problems with fellow engineers.
Design Support TI's Design Support Quickly find helpful E2E forums along with design support tools and
contact information for technical support.
11.5 Trademarks
E2E is a trademark of Texas Instruments.
All other trademarks are the property of their respective owners.
11.6 Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com