Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RX7303 Datasheet(PDF) 3 Page - rfsolutions.ltd

Part # RX7303
Description  2.4-2.8GHZ CCTV RADIO VIDEO LINK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

RX7303 Datasheet(HTML) 3 Page - rfsolutions.ltd

  RX7303 Datasheet HTML 1Page - rfsolutions.ltd RX7303 Datasheet HTML 2Page - rfsolutions.ltd RX7303 Datasheet HTML 3Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DS053_1
Oct ’00
©2000 Reg. No. 227 4001, ENGLAND
Page 3
2.4-2.8GHZ CCTV RADIO VIDEO LINK
TX7303
RX7303
TECHNICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
Storage Temperature:
-30 to +85
o Celsius.
Operating Temperature:
-25 to +55
o Celsius.
DIMENSIONS:
Transmitter:
150, 100, 35mm
R
Re
ec
ce
eiiv
ve
err::
157, 110, 50mm
ELECTRICAL CHARACTERISTICS
MIN
TYPICAL
MAX
DIMENSION
NOTE
Frequency
2.4
2.8
GHz
MPT 1349
Channels
4
Modulation
FM
Range
500
2000
Metres
RF Power
10
mW
ERP
Video Input / Output
1V
PAL/Mono
Supply Voltage
11
12
14
Volts
Supply Current
450
500
550
mAmps
For more information or general enquiries, please contact
R. F. Solutions Ltd.,
Unit 21, Cliffe Industrial Estate,
South Street,
Lewes,
E Sussex, BN8 6JL. England
Tel +44 (0)1273 898 000
Fax +44 (0)1273 480 661
Email sales@rfsolutions.co.uk
http://www.rfsolutions.co.uk
RF Solutions is a member of the Low Power Radio Association
All Trademarks acknowledged and remain the property of the respected owners
Information contained in this document is believed to be accurate, however no representation or warranty is given and R.F. Solutions Ltd. assumes no liability with respect to the accuracy of such information.
Use of R.F.Solutions as critical components in life support systems is not authorised except with express written approval from R.F.Solutions Ltd.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com