Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FJD5304D Datasheet(PDF) 2 Page - ON Semiconductor

Part # FJD5304D
Description  High Voltage Fast Switching Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FJD5304D Datasheet(HTML) 2 Page - ON Semiconductor

  FJD5304D Datasheet HTML 1Page - ON Semiconductor FJD5304D Datasheet HTML 2Page - ON Semiconductor FJD5304D Datasheet HTML 3Page - ON Semiconductor FJD5304D Datasheet HTML 4Page - ON Semiconductor FJD5304D Datasheet HTML 5Page - ON Semiconductor FJD5304D Datasheet HTML 6Page - ON Semiconductor FJD5304D Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FJD5304D Rev. A1
1
July 2010
FJD5304D
High Voltage Fast Switching Transistor
Features
• Built-in Free Wheeling Diode
• Wide Safe Operating Area
• Small Variance in Storage Time
• Suitable for Electronic Ballast Application
Absolute Maximum Ratings Ta = 25°C unless otherwise noted
* Pulse Test: PW = 300
µs, Duty Cycle = 2% Pulsed
Thermal Characteristics Ta = 25°C unless otherwise noted
** Device mounted on minimum pad size.
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
700
V
VCEO
Collector-Emitter Voltage
400
V
VEBO
Emitter-Base Voltage
12
V
IC
Collector Current (DC)
4
A
ICP
* Collector Current (Pulse)
8
A
IB
Base Current (DC)
2
A
IBP
* Base Current (Pulse)
4
A
PC
Collector Dissipation
Tc = 25°C
Ta = 25°C
30
1.25
W
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-55 to 150
°C
Symbol
Parameter
Value
Units
Rθja
Thermal Resistance Junction-Ambient **
99
°C/W
C
B
E
Equivalent Circuit
1. Base 2. Collector 3. Emitter
D-PAK
1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com