Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PINLED-5850 Datasheet(PDF) 4 Page - Wakefield Thermal, Inc.

Part # PINLED-5850
Description  LED Heat Sinks
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAKEFIELDTHERMAL [Wakefield Thermal, Inc.]
Direct Link  https://wakefieldthermal.com/
Logo WAKEFIELDTHERMAL - Wakefield Thermal, Inc.

PINLED-5850 Datasheet(HTML) 4 Page - Wakefield Thermal, Inc.

  PINLED-5850 Datasheet HTML 1Page - Wakefield Thermal, Inc. PINLED-5850 Datasheet HTML 2Page - Wakefield Thermal, Inc. PINLED-5850 Datasheet HTML 3Page - Wakefield Thermal, Inc. PINLED-5850 Datasheet HTML 4Page - Wakefield Thermal, Inc. PINLED-5850 Datasheet HTML 5Page - Wakefield Thermal, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LED Heat Sinks
PINLED Heat Sink
68mm Diameter
Thermal Data PINLED-6830
Thermal Data PINLED-6860
WKV Part
Number
Description
Height
(mm)
Diameter
(mm)
Max. Lumen (lm) Dissipated Power (W)
Thermal
Resistance
(°C/W)
Weight (g)
PINLED-6830
Pin LED Heat Sink 68MM DIA 30H
30
68
1900
12.5
4
77
PINLED-6860
Pin LED Heat Sink 68MM DIA 60H
60
68
2800
15.5
3.23
192
*Note: All Bases Have no Holes



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com