Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFM95 Datasheet(PDF) 86 Page - Shenzhen Hope Microelectronics Co., Ltd.

Part # RFM95
Description  Low Power Long Range Transceiver Module
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPERF [Shenzhen Hope Microelectronics Co., Ltd.]
Direct Link  https://hoperf.com/
Logo HOPERF - Shenzhen Hope Microelectronics Co., Ltd.

RFM95 Datasheet(HTML) 86 Page - Shenzhen Hope Microelectronics Co., Ltd.

Back Button RFM95 Datasheet HTML 82Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 83Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 84Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 85Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 86Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 87Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 88Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 89Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 90Page - Shenzhen Hope Microelectronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 121 page
background image
Page 86
RFM95/96/97/98(W)
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http:// www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
Register Name
Description
Address
FSK/OOK Mode
LoRaTM  Mode
Reset
(POR)
Default
(FSK)
FSK Mode
LoRaTM  Mode
0x4D
RegPaDac
0x84
Higher power settings of the PA
0x5B
RegFormerTemp
-
Stored temperature during the former IQ Calibration
0x5D
RegBitRateFrac
Unused
0x00
Fractional part in the Bit Rate
division ratio
Unused
0x61
RegAgcRef
0x13
0x62
RegAgcThresh1
0x0E
0x63
RegAgcThresh2
0x5B
0x64
RegAgcThresh3
0xDB
Adjustment of the AGC thresholds
others
RegTest
-
Internal test registers. Do not overwrite
Note
- Reset values are automatically refreshed in the chip at Power On Reset
- Default values are the Hope RF recommended register values, optimizing the device operation
- Registers for which the Default value differs from the Reset value are denoted by a * in the tables of section 6.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com