Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3201 Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV3201
Description  TLV320x 40ns, microPOWER, Push-Pull Output Comparators
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV3201 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV3201 Datasheet HTML 4Page - Texas Instruments TLV3201 Datasheet HTML 5Page - Texas Instruments TLV3201 Datasheet HTML 6Page - Texas Instruments TLV3201 Datasheet HTML 7Page - Texas Instruments TLV3201 Datasheet HTML 8Page - Texas Instruments TLV3201 Datasheet HTML 9Page - Texas Instruments TLV3201 Datasheet HTML 10Page - Texas Instruments TLV3201 Datasheet HTML 11Page - Texas Instruments TLV3201 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
6.9 Typical Characteristics (continued)
at TA = 25°C, VCC = 5V, and input overdrive (VOD) = 20mV (unless otherwise noted)
50
60
70
80
90
100
110
−40 −25 −10
5
20
35
50
65
80
95
110 125
Temperature (°C)
CMRR at VCC = 2.7 V
CMRR at VCC = 5.0 V
PSRR
G006
Figure 6-7. Common-Mode Rejection Ratio and Power-Supply
Rejection Ratio vs Temperature
0.1
1
10
100
1000
10000
−50
−25
0
25
50
75
100
125
Temperature (°C)
− IB
+ IB
IOS
G002
Figure 6-8. Input Bias Current and Input Offset Current vs
Temperature
−30
−25
−20
−15
−10
−5
0
5
10
15
20
25
30
0.0
0.5
1.0
1.5
2.0
2.5
Common−Mode Input Voltage (V)
+ IB
− IB
IOS
VS=2.7V
G006
Figure 6-9. Input Bias Current and Input Offset Current vs
Common-Mode Input Voltage
−20
−15
−10
−5
0
5
10
15
20
0
1
2
3
4
5
Common−Mode Input Voltage (V)
+ IB
− IB
IOS
VS= 5.5V
G006
Figure 6-10. Input Bias Current and Input Offset Current vs
Common-Mode Input Voltage
0
5
10
15
20
25
30
35
Supply Current (µA)
G000
Figure 6-11. Quiescent Current Distribution
15
25
35
45
55
65
2.5
3
3.5
4
4.5
5
5.5
Supply Voltage (V)
−40°C
25°C
125°C
G018
Figure 6-12. Quiescent Current vs Supply Voltage
TLV3201, TLV3202
SBOS561C – MARCH 2012 – REVISED MAY 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLV3201 TLV3202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com