Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2371IDBVR Datasheet(PDF) 22 Page - Texas Instruments

Part # TLV2371IDBVR
Description  TLV237x 500-μA/Ch, 3-MHz Rail-to-Rail Input and Output Operational Amplifiers With Shutdown
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV2371IDBVR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLV2371IDBVR Datasheet HTML 18Page - Texas Instruments TLV2371IDBVR Datasheet HTML 19Page - Texas Instruments TLV2371IDBVR Datasheet HTML 20Page - Texas Instruments TLV2371IDBVR Datasheet HTML 21Page - Texas Instruments TLV2371IDBVR Datasheet HTML 22Page - Texas Instruments TLV2371IDBVR Datasheet HTML 23Page - Texas Instruments TLV2371IDBVR Datasheet HTML 24Page - Texas Instruments TLV2371IDBVR Datasheet HTML 25Page - Texas Instruments TLV2371IDBVR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 66 page
background image
V
BIAS1
V
BIAS2
V +
IN
V -
IN
Class AB
Control
Circuitry
V
O
V-
(Ground)
V+
Reference
Current
Copyright © 2016, Texas Instruments Incorporated
22
TLV2370, TLV2371, TLV2372
TLV2373, TLV2374, TLV2375
SLOS270F – MARCH 2001 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: TLV2370 TLV2371 TLV2372 TLV2373 TLV2374 TLV2375
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The TLV237x single-supply CMOS operational amplifiers provide rail-to-rail input and output capability with
3-MHz bandwidth. Consuming only 550 μA the TLV237x is the perfect choice for portable and battery-operated
applications. The maximum recommended supply voltage is 16 V, which allows the devices to be operated from
(±8-V supplies down to ±1.35 V) a variety of rechargeable cells. The rail-to-rail inputs with high input impedance
make the TLV237x ideal for sensor signal-conditioning applications.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Rail-to-Rail Input Operation
The TLV237x input stage consists of two differential transistor pairs, NMOS and PMOS, that operate together to
achieve rail-to-rail input operation. The transition point between these two pairs can be seen in Figure 2,
Figure 3, and Figure 4 for a 2.7-V, 5-V, and 15-V supply. As the common-mode input voltage approaches the
positive supply rail, the input pair switches from the PMOS differential pair to the NMOS differential pair. This
transition occurs approximately 1.35 V from the positive rail and results in a change in offset voltage due to
different device characteristics between the NMOS and PMOS pairs. If the input signal to the device is large
enough to swing between both rails, this transition results in a reduction in common-mode rejection ratio
(CMRR). If the input signal does not swing between both rails, it is best to bias the signal in the region where
only one input pair is active. This is the region inFigure 2 through Figure 4 where the offset voltage varies slightly
across the input range and optimal CMRR can be achieved. This has the greatest impact when operating from a
2.7-V supply voltage.
8.3.2 Driving a Capacitive Load
When the amplifier is configured in this manner, capacitive loading directly on the output decreases the device
phase margin leading to high frequency ringing or oscillations. Therefore, for capacitive loads of greater than
10 pF, TI recommends that a resistor be placed in series (RNULL) with the output of the amplifier, as shown in
Figure 34. A minimum value of 20 Ω should work well for most applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com