Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3541IDBVT Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV3541IDBVT
Description  TLV354x 200-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers for Cost-Sensitive Systems
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV3541IDBVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV3541IDBVT Datasheet HTML 4Page - Texas Instruments TLV3541IDBVT Datasheet HTML 5Page - Texas Instruments TLV3541IDBVT Datasheet HTML 6Page - Texas Instruments TLV3541IDBVT Datasheet HTML 7Page - Texas Instruments TLV3541IDBVT Datasheet HTML 8Page - Texas Instruments TLV3541IDBVT Datasheet HTML 9Page - Texas Instruments TLV3541IDBVT Datasheet HTML 10Page - Texas Instruments TLV3541IDBVT Datasheet HTML 11Page - Texas Instruments TLV3541IDBVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
8
TLV3541, TLV3542, TLV3544
SBOS756 – OCTOBER 2016
www.ti.com
Product Folder Links: TLV3541 TLV3542 TLV3544
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics: VS = 2.7 V to 5.5 V Single-Supply (continued)
at TA = 25°C, RF = 0 Ω, RL = 1 kΩ, and connected to VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(1)
See typical characteristic curves, Output Voltage Swing vs Output Current (Figure 14 and Figure 15).
(2)
Specified by design.
(3)
Operating in this temperature range will not damage the part. However, degraded performance may be observed.
FREQUENCY RESPONSE, continued
Harmonic
distortion
Second
harmonic
At G = +1, f = 1 MHz, VO = 2 VPP,
RL = 200 Ω, VCM = 1.5 V
–75
dBc
Third harmonic
At G = +1, f = 1 MHz, VO = 2 VPP,
RL = 200 Ω, VCM = 1.5 V
–83
dBc
Differential gain error
NTSC, RL = 150 Ω
0.02%
Differential phase error
NTSC, RL = 150 Ω
0.09
°
Channel-to-
channel crosstalk
TLV3542
f = 5 MHz
–100
dB
TLV3544
–84
dB
OUTPUT
Voltage output swing from rail
VS = 5 V, RL = 1 kΩ at TA = 25°C
0.1
0.3
V
IO
Output current, single, dual,
quad(1)(2)
VS = 5 V
100
mA
VS = 3 V
50
mA
Closed-loop output impedance
f < 100 kHz
0.05
Ω
RO
Open-loop output resistance
35
Ω
POWER SUPPLY
VS
Specified voltage range
2.7
5.5
V
Operating voltage range
2.5
5.5
V
IQ
Quiescent current (per amplifier)
At TA = 25°C, VS = 5 V,
IO = 0
5.2
6.5
mA
TEMPERATURE RANGE
Specified range
–40
125
°C
Operating range (3)
–55
150
°C
Storage range
–65
150
°C
THERMAL SHUTDOWN
Shutdown temperature
160
°C
Reset from shutdown
140
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com